Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 42 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 36Page - STMicroelectronics VL53L8CH Datasheet HTML 37Page - STMicroelectronics VL53L8CH Datasheet HTML 38Page - STMicroelectronics VL53L8CH Datasheet HTML 39Page - STMicroelectronics VL53L8CH Datasheet HTML 40Page - STMicroelectronics VL53L8CH Datasheet HTML 41Page - STMicroelectronics VL53L8CH Datasheet HTML 42Page - STMicroelectronics VL53L8CH Datasheet HTML 43Page - STMicroelectronics VL53L8CH Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Contents
1
Acronyms and abbreviations ......................................................3
2
Product overview ..................................................................4
2.1
Technical specifications ......................................................... 4
2.2
Field of view ................................................................... 4
2.3
Field of illumination ............................................................. 5
2.4
System block diagram .......................................................... 6
2.5
Device pinout .................................................................. 6
2.6
Application schematics .......................................................... 8
3
Functional description ............................................................10
3.1
Software interface ............................................................. 10
3.2
Power state machine .......................................................... 10
3.3
Power up sequence ........................................................... 11
4
I²C control interface...............................................................12
4.1
I²C interface - timing characteristics .............................................. 14
5
SPI timing specification...........................................................16
5.1
SPI write messages ........................................................... 17
5.2
SPI read messages............................................................ 18
6
Electrical characteristics..........................................................19
6.1
Absolute maximum ratings...................................................... 19
6.2
Recommended operating conditions ............................................. 19
6.3
Electrostatic discharge (ESD) ................................................... 19
6.4
Current consumption .......................................................... 20
6.5
Digital input and output......................................................... 20
7
Histogram (CNH) output ..........................................................21
8
Ranging performances ...........................................................23
8.1
Zone mapping ................................................................ 23
8.1.1
Zone mapping 4x4 ...................................................... 23
8.1.2
Zone mapping 8x8 ...................................................... 23
8.1.3
Effective zone orientation ................................................. 24
8.2
Continuous ranging mode ...................................................... 24
8.2.1
Measurement conditions .................................................. 24
8.2.2
Maximum ranging distance 4x4............................................. 25
8.2.3
Maximum ranging distance 8x8............................................. 25
8.2.4
Range accuracy in continuous mode ........................................ 26
VL53L8CH
Contents
DS14310 - Rev 3
page 42/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com