Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 15Page - STMicroelectronics VL53L8CH Datasheet HTML 16Page - STMicroelectronics VL53L8CH Datasheet HTML 17Page - STMicroelectronics VL53L8CH Datasheet HTML 18Page - STMicroelectronics VL53L8CH Datasheet HTML 19Page - STMicroelectronics VL53L8CH Datasheet HTML 20Page - STMicroelectronics VL53L8CH Datasheet HTML 21Page - STMicroelectronics VL53L8CH Datasheet HTML 22Page - STMicroelectronics VL53L8CH Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
6
Electrical characteristics
6.1
Absolute maximum ratings
Table 9. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD
-0.5
—
3.47
V
CORE_1V8
-0.5
—
1.98
IOVDD
-0.5
—
1.98
Note:
Stresses above those listed above may cause permanent damage to the device. This is a stress rating only.
Functional operation of the device at these or any other conditions above those indicated in the operational
sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
6.2
Recommended operating conditions
Table 10. Recommended operating conditions
Parameter
Min.
Typ.
Max.
Unit
AVDD supply
3.13
3.3
3.47
V
CORE_1V8 supply
1.62
1.8
1.98
IOVDD supply with 1.2V configuration
1.08
1.2
1.32
IOVDD supply with 1.8V configuration
1.62
1.8
1.98
Ambient temperature (normal operation)
-30
—
85
°C
Note:
All three supplies are independent.
Note:
When IOVDD is 1.8 V, it is recommended to use the same supply as CORE_1V8.
6.3
Electrostatic discharge (ESD)
The VL53L8CH is compliant with the ESD values presented in Table 11. ESD performance.
Table 11. ESD performance
Parameter
Specification
Conditions
Human body model
JEDEC JS-001-2014
± 2 kV, 1500 Ω, 100 pF
Charged body model
JEDEC JS-001-2014
± 500 V
VL53L8CH
Electrical characteristics
DS14310 - Rev 3
page 19/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com