Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 26 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 22Page - STMicroelectronics VL53L8CH Datasheet HTML 23Page - STMicroelectronics VL53L8CH Datasheet HTML 24Page - STMicroelectronics VL53L8CH Datasheet HTML 25Page - STMicroelectronics VL53L8CH Datasheet HTML 26Page - STMicroelectronics VL53L8CH Datasheet HTML 27Page - STMicroelectronics VL53L8CH Datasheet HTML 28Page - STMicroelectronics VL53L8CH Datasheet HTML 29Page - STMicroelectronics VL53L8CH Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
8.2.4
Range accuracy in continuous mode
Figure 27. Range accuracy vs distance illustrates how range accuracy is defined over distance.
Figure 27. Range accuracy vs distance
Table 21. Range accuracy in continuous mode
Mode
Distance
Target reflectance
Dark (0 kLux)
Ambient light (5 kLux)
4x4 at 30 Hz
20-200 mm
White target (88%)
±10 mm
±12 mm
Light gray target (54%)
±9 mm
±11 mm
Gray target (17%)
±8 mm
±10 mm
200-4000 mm
White target (88%)
±3%
±4%
Light gray target (54%)
±4%
±6%
Gray target (17%)
±4%
±7%
8x8 at 15 Hz
20-200 mm
White target (88%)
±11 mm
±10 mm
Light gray target (54%)
±12 mm
±13 mm
Gray target (17%)
±12 mm
±14 mm
200-4000 mm
White target (88%)
±5%
±5%
Light gray target (54%)
±5%
±6%
Gray target (17%)
±5%
±8%
Note:
The accuracy of the corner zone data compared to the center 4 zones may degrade by up to 4%.
Note:
The accuracy in Table 21. Range accuracy in continuous mode assumes a correctly mounted module. Final
assemblies should include additional tolerance for PCB assembly tilt, and mounting of the PCB in a product
housing. Typically an additional 1~2%.
VL53L8CH
Continuous ranging mode
DS14310 - Rev 3
page 26/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com