Electronic Components Datasheet Search
  English  ▼

X  

SC-0 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SC-0
Description  Standard electromagnetic contactor, switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC-0 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SC-0 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC-0 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC-0 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC-0 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC-0 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC-0 Datasheet HTML 15Page - List of Unclassifed Manufacturers SC-0 Datasheet HTML 16Page - List of Unclassifed Manufacturers SC-0 Datasheet HTML 17Page - List of Unclassifed Manufacturers SC-0 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
A3-13
新
S
C
・
N
E
O
S
C
シ
リ
ズ
電
磁
接
触
器
・
開
閉
器
A3
新SC,NEO SCシリーズ
(写No.AF00-227)
SC-N1RM形【SC25BRA-...】
SC-N2RM形【SC35BRA-...】
(写No.AF00-225)
SC-N2SRM形【SC50BRA-...】
SC-N3RM形【SC65BRA-...】
質量:1.3kg
質量:2.3kg
35mm
(写No.AF00-223)
SC-N4RM形【SC80BRA-...】
(写No.AF00-222)
SC-N5RM形【SC93BRA-...】
(写No.AF00-221)
質量:3.7kg
質量:4.4kg
質量:5.9kg
スーパーマグネット
スーパーマグネット
66.5
12.4
161
10.5
16.5
65
87
65
22
106
※2
(28)
96
M3.5
M3.5
M5
4-M4
取付穴
コイル端子
補助端子
主端子
16.8
20.5
75
10.5
187
100
70
121
30
70
111
M6
M3.5
M3.5
4-M4
取付穴
コイル端子
補助端子
主端子
M3.5
主端子 M6
3-M5
取付穴
補助端子
M3.5
コイル端子
123.5
200
111
32
15
230
1.6
83.5
接続図
1 /L1 3/L2 5/L3 43
2/T1 4/T2 6/T3 44
A1 A2
1/L1 3/L2 5/L3
2/T1 4/T2 6/T3 44
43
13
13
14
14
31
31
32
32
21
21
22
22
53
54
61
62
A1 A2
83 71
84 72
※1 補助接点3a3b×2の場合
※1
※1
接続図
1 /L1 3/L2 5/L3 43
2/T1 4/T2 6/T3 44
A1 A2
1/L1 3/L2 5/L3
2/T1 4/T2 6/T3 44
43
13
13
14
14
31
31
32
32
21
21
22
22
53
54
61
62
A1 A2
83 71
84 72
※1 補助接点3a3b×2の場合
※1
※1
接続図
1 /L1 3/L2 5/L3 43
2/T1 4/T2 6/T3 44
A1 A2
1/L1 3/L2 5/L3
2/T1 4/T2 6/T3 44
43
13
13
14
14
31
31
32
32
21
21
22
22
53
54
61
62
A1 A2
83 71
84 72
※1 補助接点3a3b×2の場合
※1
※1
接続図
1 /L1 3/L2 5/L3 43
2/T1 4/T2 6/T3 44
A1 A2
1/L1 3/L2 5/L3
2/T1 4/T2 6/T3 44
43
13
13
14
14
31
31
32
32
21
21
22
22
53
54
61 71 83
62 72 84
A1 A2
53 61 71 83
54 62 72 84
※1 補助接点4a4b×2の場合
※1
※1
接続図
1 /L1 3/L2 5/L3 43
2/T1 4/T2 6/T3 44
A1 A2
1/L1 3/L2 5/L3
2/T1 4/T2 6/T3 44
43
13
13
14
14
31
31
32
32
21
21
22
22
53
54
61 71 83
62 72 84
A1 A2
53 61 71 83
54 62 72 84
※1 補助接点4a4b×2の場合
※1
※1
(レール高さ15の場合)
(レール高さ15の場合)
※2
※2
※2
(28)
主端子M6
M3.5
15
M3.5
3-M5
取付穴
補助端子
コイル端子
138.5
200
1.6
111
32
230
98
SC-N6RM形【SC1CBRA-...】
取付穴
3-M5用
M8
M3.5
主端子
M3.5
補助端子
コイル端子
20
1.6
220
123
32
250
145
102
35mm
※2 補助接点ユニットを取付けた場合
※2 補助接点ユニットを取付けた場合



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com