Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 18 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 18 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 14Page - Microchip Technology RNBD451 Datasheet HTML 15Page - Microchip Technology RNBD451 Datasheet HTML 16Page - Microchip Technology RNBD451 Datasheet HTML 17Page - Microchip Technology RNBD451 Datasheet HTML 18Page - Microchip Technology RNBD451 Datasheet HTML 19Page - Microchip Technology RNBD451 Datasheet HTML 20Page - Microchip Technology RNBD451 Datasheet HTML 21Page - Microchip Technology RNBD451 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 18
4.5
Deep Sleep Current Consumption DC Electrical Specifications
Table 4-5. Deep Sleep Current Consumption DC Electrical Specifications
DC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9V to 3.6V
(unless otherwise stated) Operating Temperature: -40°C ≤ TA
≤ +85°C for Industrial Temp
Param.
No.
Symbol
Characteristics
VDDIO
Typ(1)
Max.
Units
Conditions
BPWR_1
IDD_BACKUP(2) MCU IDD in
Deep Sleep mode
powered from VDDIO
3.3V
1.2
—
µA
No backup RAM
retained
BPWR_2
3.3V
1.5
—
µA
8 KB backup
RAM retained
Figure 4-7. Deep Sleep Current RAM ON
0
1
2
3
4
5
6
-40
0
25
60
85
105
125
1.9
2.4
2.7
3.3
3.6
Temperature (° C)
Figure 4-8. Deep Sleep Current RAM OFF
0
0.5
1
1.5
2
2.5
3
3.5
4
-40
0
25
60
85
105
125
1.9
2.4
2.7
3.3
3.6
Temperature (° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com