Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 23 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 23 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 19Page - Microchip Technology RNBD451 Datasheet HTML 20Page - Microchip Technology RNBD451 Datasheet HTML 21Page - Microchip Technology RNBD451 Datasheet HTML 22Page - Microchip Technology RNBD451 Datasheet HTML 23Page - Microchip Technology RNBD451 Datasheet HTML 24Page - Microchip Technology RNBD451 Datasheet HTML 25Page - Microchip Technology RNBD451 Datasheet HTML 26Page - Microchip Technology RNBD451 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 23
...........continued
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9-3.6V
(unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial Temp
Param. No. Symbol
Characteristics
Min.
Typ.
Max.
Units
Conditions
REG_56
CLK_DELA
Y
Crystal start-up
delay
—
XOSC_2 —
µs
Refer to XOSC_2
parameter from the
crystal oscillator section
REG_57
POWER_O
N_DELAY
Power-up period
—
—
—
µs
—
REG_58
BOR_DELA
Y
Width of the BOR
event
—
488
—
µs
Includes system delay
since this is measured
with a CPU event
Notes: 
1.
Ferrite Bead ISAT(min) ≥ (IDDANA(max) * 1.15).
2.
Buck Inductor ISAT(min) ≥ ((ICAPACITOR + IVDDCORE_MAX) * 1.2) when the BUCK mode is enabled
(shielded inductor only).
3.
User must select either LDO or BUCK Mode. The modes are exclusive to each other.
4.
VDD33 and VDDANA must be at the same voltage level.
5.
All bypass caps must be located immediately adjacent to pin(s) and on the same side of the PCB as the
MCU. Each primary power supply group VDDIO, VDDANA, VDDCORE must have one bulk capacitor and all
power pins with a 100 nF bypass cap.
6.
The RESET pulse width is the minimum pulse width required on the I/O pin after any filtering on the NMCLR
pin.
7.
Keep the DCR as low as possible to improve efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com