Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 28 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 28 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 24Page - Microchip Technology RNBD451 Datasheet HTML 25Page - Microchip Technology RNBD451 Datasheet HTML 26Page - Microchip Technology RNBD451 Datasheet HTML 27Page - Microchip Technology RNBD451 Datasheet HTML 28Page - Microchip Technology RNBD451 Datasheet HTML 29Page - Microchip Technology RNBD451 Datasheet HTML 30Page - Microchip Technology RNBD451 Datasheet HTML 31Page - Microchip Technology RNBD451 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 28
Notes: 
1.
All measurements done at 3.3V at 25℃.
2.
VIL source < (GND – 0.3). Characterized but not tested.
3.
Any number and/or combination of I/O pins not excluded under IICL or IICH conditions are permitted provided
the absolute instantaneous sum of the input injection currents from all pins do not exceed the specified ∑IICT
limit. To limit the injection current, the user must insert a resistor in series RSERIES (in other words, RS),
between the input source voltage and device pin. The resistor value is calculated according to:
– For negative Input voltages less than (GND – 0.3): RS ≥ absolute value of | ((VIL source – (GND – 0.3)) /
IICL) |
– For positive input voltages greater than (VDDIO + 0.3): RS ≥ ((VIH source – (VDDIO +0.3))/ IICH)
– For Vpin voltages greater than VDDIO + 0.3 and less than GND – 0.3: RS = the larger of the values
calculated above
4.
High load = 50 pF and Standard load = 30 pF.
5.
The drive strength of pads are as follows:
– 8x pads - PA0, PA1, PA3, PA4, PA5, PA6, PA7, PA8, PA9, PA10, PA13, PA14, PB10, PB11, PB12, PB13
– 4x pads - PA2, PB0, PB1, PB2, PB3, PB4, PB5, PB6, PB7, PB8, PB9
4.10
ADC Electrical Specifications
Table 4-10. ADC AC Electrical Specifications
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9-3.6V (unless
otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial Temp
Param.
No.
Symbol Characteristics
Min.
Typ.
Max.
Units
Conditions
Device Supply
ADC_1
VDDANA ADC supply
VDDANA(min)
—
VDDANA(max)
V
VDDIO = VDDANA
Reference Inputs
ADC_3
VREF(6) ADC reference
voltage(4)
—
—
VDDANA
V
External
reference
voltage
Analog Input Range
ADC_7
AFS
Full-scale analog
input signal range
(Single-ended)
0
—
VDDANA
V
VREF =
VDDANA(max)
ADC_9
Full-scale analog
input signal range
(Differential)
VDDANA/2
—
VDDANA/2
V
Table 4-11. ADC Single-Ended Mode AC Electrical Specifications
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9-3.6V
(unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial
Temp
Param. No. Symbol
Characteristics
Min. Typ. Max. Units Conditions
Single-Ended Mode ADC Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com