Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 47 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 47 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 43Page - Microchip Technology RNBD451 Datasheet HTML 44Page - Microchip Technology RNBD451 Datasheet HTML 45Page - Microchip Technology RNBD451 Datasheet HTML 46Page - Microchip Technology RNBD451 Datasheet HTML 47Page - Microchip Technology RNBD451 Datasheet HTML 48Page - Microchip Technology RNBD451 Datasheet HTML 49Page - Microchip Technology RNBD451 Datasheet HTML 50Page - Microchip Technology RNBD451 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
RNBD451
Physical Dimensions and Attributes
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 47
Figure 6-2. Example of Host Board on Top Layer
32 kHz Crystal Placement
and Routing
Copper Keep out Region
End of Ground Plane
on the Base Board
Host PCB Board
Edge
Exposed Grounding Pad
Underneath Module
No Routing Underneath
the Module
Optional Series Resistor
on the Digital Lines
Module Footprint
6.3
RNBD451 Module Packaging Information
For the most current package drawings, please see the Microchip Packaging Specification located at
www.microchip.com/en-us/support/package-drawings.
The following images illustrate the packaging information of the RNBD451, which has 39-lead PCB module (ZSX) –
15.5 mm x 20.7 mm x 2.8 mm body (module) with metal shield and coaxial connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com