Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 30 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 30 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 26Page - Microchip Technology RNBD451 Datasheet HTML 27Page - Microchip Technology RNBD451 Datasheet HTML 28Page - Microchip Technology RNBD451 Datasheet HTML 29Page - Microchip Technology RNBD451 Datasheet HTML 30Page - Microchip Technology RNBD451 Datasheet HTML 31Page - Microchip Technology RNBD451 Datasheet HTML 32Page - Microchip Technology RNBD451 Datasheet HTML 33Page - Microchip Technology RNBD451 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 30
...........continued
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9-3.6V
(unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial Temp
Param.
No.
Symbol
Characteristics
Min.
Typ.
Max.
Units
Conditions
ADC_57
TAD
ADC clock period
—
20.8
—
ns
VREF = VDDANA =
3.3V
ADC Single-Ended Throughput Rates
ADC_59
FTPR
(Single-
ended
Mode)
Throughput rate(2)
(Single-ended)
—
2
—
Msps
12-bit resolution,
DIV_SHR = 2
—
0.7
—
12-bit resolution,
DIV_SHR = 4
Notes: 
1.
Conversion_time = (SAMC_SHR+15)*TAD.
2.
FTPR = 1/(( SAMC_SHR + Resolution + 1 ) * ( 1/( ControlClk/DIV_SHR ))).
Table 4-13. ADC Sample AC Electrical Requirements
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9-3.6V (unless
otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial Temp
Param.
No.
Symbol
Characteristic
s
Min.
Typ.
Max.
Units
Conditions
ADC_65
TCNV
Conversion
time(1) (Single-
ended Mode)
14
TAD
12-bit resolution
12
10-bit resolution
10
8-bit resolution
ADC_67
Conversion
time(1)
(Differential
Mode)
14
TAD
12-bit resolution
12
10-bit resolution
10
8-bit resolution
ADC_69
CSAMPLE ADC internal
sample cap
—
5
—
pf
—
ADC_71
RSAMPLE ADC internal
impedance
—
—
200
Ω
—
Note: 
1.
ADC Throughput Rate FTP = ((1/((TSAMP + TCNV) * TAD))/(# of user active analog inputs in use on specific
target ADC module)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com