Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 31 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 31 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 27Page - Microchip Technology RNBD451 Datasheet HTML 28Page - Microchip Technology RNBD451 Datasheet HTML 29Page - Microchip Technology RNBD451 Datasheet HTML 30Page - Microchip Technology RNBD451 Datasheet HTML 31Page - Microchip Technology RNBD451 Datasheet HTML 32Page - Microchip Technology RNBD451 Datasheet HTML 33Page - Microchip Technology RNBD451 Datasheet HTML 34Page - Microchip Technology RNBD451 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 31
4.11
Bluetooth Low Energy RF Characteristics
Table 4-14. Bluetooth Low Energy RF Characteristics
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA
1.9-3.6V (unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for
Industrial Temp
Param.
No.
Symbol
Characteristics
Min.
Typ(1)
Max.
Units
Conditions
BTG1
FREQ
Frequency range of
operation
2400
—
2480
MHz
—
BTTX1
TXPWR:MPA
Bluetooth transmit
power MPA
—
11.5
—
dBm
—
BTTX2
TXPWR:LPA
Bluetooth transmit
power LPA
—
4.0
—
dBm
—
BTX3
TXIB:1MBPS
In-band emission for
FTX ± -2 MHz
—
-32
—
dBm
—
In-band emission for
FTX ± -(3+N) MHz
—
-45
—
dBm
—
BTX4
TXIB:2MBPS
In-band emission for
FTX ± -4 MHz
—
-43
—
dBm
—
In-band emission for
FTX ± -5 MHz
—
-48
—
dBm
—
In-band emission for
FTX ± -(6+N) MHz
—
-51
—
dBm
—
BTRX1
RXSENSE
Receiver sensitivity at 1
Mbps
—
-95.5
—
dBm
(1)
Receiver sensitivity at 2
Mbps
—
-92.5
—
dBm
(5)
Receiver sensitivity at
500 kbps
—
-98.5
—
dBm
(5)
Receiver sensitivity at
125 kbps
—
-102
—
dBm
(5)
BTRX2
MAXINSIG
Maximum input signal
level at 1 Mbps
—
0
—
dBm
—
Maximum input signal
level at 2 Mbps
—
0
—
dBm
Maximum input signal
level at 500 kbps
—
0
—
dBm
Maximum input signal
level at 125 kbps
—
0
—
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com