Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 19 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 19 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 15Page - Microchip Technology RNBD451 Datasheet HTML 16Page - Microchip Technology RNBD451 Datasheet HTML 17Page - Microchip Technology RNBD451 Datasheet HTML 18Page - Microchip Technology RNBD451 Datasheet HTML 19Page - Microchip Technology RNBD451 Datasheet HTML 20Page - Microchip Technology RNBD451 Datasheet HTML 21Page - Microchip Technology RNBD451 Datasheet HTML 22Page - Microchip Technology RNBD451 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 19
Notes: 
1.
Typical value measured during characterization at 3.3V and 25℃.
2.
The test conditions are as follows:
– All GPIO except RPA3 are pulled up. RPA3 is pulled down.
– All peripherals are disabled.
– All PB clocks are divided by 16.
– LPRC is set as LPCLK.
– SOSC and POSC is disabled.
– DSU is disconnected.
– RF system is in low power configuration.
– DSWDT is enabled and configured for wake-up.
– Deep sleep entry is configured and WFI instruction is executed.
4.6
XDS (Extreme Deep Sleep) Current Consumption DC Electrical Specifications
Table 4-6. XDS (Extreme Deep Sleep) Current Consumption DC Electrical Specifications
DC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9V to 3.6V
(unless otherwise stated) Operating Temperature: -40°C ≤ TA ≤
+85°C for Industrial Temp
Param.
No.
Symbol
Characteristics
VDDIO
Typ(1)
Max.
Units
Conditions
OPWR_1
IDD_OFF(2) MCU IDD in OFF
mode powered
from VDDIOx
3.3V
0.12
—
µA
In OFF mode, the
device is entirely
powered-off.
Note: This mode is
left by pulling the
RESET pin low, or
when a power Reset
is done.
Figure 4-9. Extreme Deep Sleep Current
0
0.5
1
1.5
2
2.5
-40
0
25
60
85
105
125
1.9
2.4
2.7
3.3
3.6
Temperature (° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com