Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 59 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 59 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 55Page - Microchip Technology RNBD451 Datasheet HTML 56Page - Microchip Technology RNBD451 Datasheet HTML 57Page - Microchip Technology RNBD451 Datasheet HTML 58Page - Microchip Technology RNBD451 Datasheet HTML 59Page - Microchip Technology RNBD451 Datasheet HTML 60Page - Microchip Technology RNBD451 Datasheet HTML 61Page - Microchip Technology RNBD451 Datasheet HTML 62Page - Microchip Technology RNBD451 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
RNBD451
Appendix A: Regulatory Approval
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 59
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part
15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful interference in a
residential installation. This equipment generates, uses and can radiate radio frequency energy, and if not installed
and used in accordance with the instructions, may cause harmful interference to radio communications. However,
there is no guarantee that interference will not occur in a particular installation. If this equipment does cause harmful
interference to radio or television reception, which can be determined by turning the equipment off and on, the user
is encouraged to try to correct the interference by one or more of the following measures:
• Reorient or relocate the receiving antenna
• Increase the separation between the equipment and receiver
• Connect the equipment into an outlet on a circuit different from that to which the receiver is connected
• Consult the dealer or an experienced radio/TV technician for help
Additional information on labeling and user information requirements for Part 15 devices can be found in KDB
Publication 784748, which is available at the FCC Office of Engineering and Technology (OET) Laboratory Division
Knowledge Database (KDB) apps.fcc.gov/oetcf/kdb/index.cfm.
10.1.2
RF Exposure
All transmitters regulated by FCC must comply with RF exposure requirements. KDB 447498 General RF Exposure
Guidance provides guidance in determining whether proposed or existing transmitting facilities, operations
or devices comply with limits for human exposure to Radio Frequency (RF) fields adopted by the Federal
Communications Commission (FCC).
From the FCC Grant: Output power listed is conducted. This grant is valid only when the module is sold to OEM
integrators and must be installed by the OEM or OEM integrators. This transmitter is restricted for use with the
specific antenna(s) tested in this application for Certification and must not be co-located or operating in conjunction
with any other antenna or transmitters within a host device, except in accordance with FCC multi-transmitter product
procedures.
RNBD451: These modules are approved for installation into mobile or/and portable host platforms atleast 20cm
away from the human body.
10.1.3
Helpful Web Sites
• Federal Communications Commission (FCC): www.fcc.gov.
• FCC Office of Engineering and Technology (OET) Laboratory Division Knowledge Database (KDB) apps.fcc.gov/
oetcf/kdb/index.cfm.
10.2
Canada
The RNBD451 module has been certified for use in Canada under Innovation, Science and Economic Development
Canada (ISED, formerly Industry Canada) Radio Standards Procedure (RSP) RSP-100, Radio Standards
Specification (RSS) RSS-Gen and RSS-247. Modular approval permits the installation of a module in a host device
without the need to recertify the device.
10.2.1
Labeling and User Information Requirements
Labeling Requirements (from RSP-100 - Issue 12, Section 5): The host product shall be properly labeled to identify
the module within the host device.
The Innovation, Science and Economic Development Canada certification label of a module shall be clearly visible
at all times when installed in the host device; otherwise, the host product must be labeled to display the Innovation,
Science and Economic Development Canada certification number of the module, preceded by the word “Contains” or
similar wording expressing the same meaning, as follows:
Contains IC: 20266-WBZ451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com