Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 46 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 46 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 42Page - Microchip Technology RNBD451 Datasheet HTML 43Page - Microchip Technology RNBD451 Datasheet HTML 44Page - Microchip Technology RNBD451 Datasheet HTML 45Page - Microchip Technology RNBD451 Datasheet HTML 46Page - Microchip Technology RNBD451 Datasheet HTML 47Page - Microchip Technology RNBD451 Datasheet HTML 48Page - Microchip Technology RNBD451 Datasheet HTML 49Page - Microchip Technology RNBD451 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
RNBD451
Physical Dimensions and Attributes
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 46
Figure 6-1. Module Placement Guidelines
6mm
16mm
Host PCB Ground Plane
No Copper Region
Edge of Host PCB Ground Plane
Module PCB Edge
31.75 mm (Keep out clearance region)
for all metalic and plastic structures
around the antenna. Refer to antenna
specific details of the respective antenna.
6.2
RNBD451 Module Routing Guidelines
• Use the multi-layer host board for routing signals on the inner layer and the bottom layer.
• The top layer (underneath the module) of the host board must be ground with as many GND vias as possible
(see the following figure).
• Avoid fan-out of the signals under the module or antenna area. Use a via to fan-out signals to the edge of the
RNBD451 module.
• For a better GND connection to the RNBD451 module, solder the exposed GND pads of the RNBD451 module
on the host board.
• For the module GND pad, use a GND via of a minimum 10 mil (hole diameter) for good ground to all the layers
and thermal conduction path.
• Having a series resistor on the host board for all GPIOs is recommended. Place these resistors close to the
RNBD451 module. The following figure illustrates the placement of the series resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com