Electronic Components Datasheet Search
  English  ▼

X  

RNBD451 Datasheet(PDF) 61 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 61 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 57Page - Microchip Technology RNBD451 Datasheet HTML 58Page - Microchip Technology RNBD451 Datasheet HTML 59Page - Microchip Technology RNBD451 Datasheet HTML 60Page - Microchip Technology RNBD451 Datasheet HTML 61Page - Microchip Technology RNBD451 Datasheet HTML 62Page - Microchip Technology RNBD451 Datasheet HTML 63Page - Microchip Technology RNBD451 Datasheet HTML 64Page - Microchip Technology RNBD451 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
RNBD451
Appendix A: Regulatory Approval
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 61
The RNBD451 module has has/have been tested to RED 2014/53/EU Essential Requirements mentioned in the
following European Compliance table.
Table 10-1. European Compliance Information
Certification
Standard
Article
Safety
EN 62368
3.1a
Health
EN 62311
EMC
EN 301 489-1
3.1b
EN 301 489-17
Radio
EN 300 328
3.2
The ETSI provides guidance on modular devices in the “Guide to the application of harmonised standards
covering articles 3.1b and 3.2 of the RED 2014/53/EU (RED) to multi-radio and combined radio and non-
radio equipment” document available at http://www.etsi.org/deliver/etsi_eg/203300_203399/20 3367/01.01.01_60/
eg_203367v010101p.pdf.
Note: To maintain conformance to the standards listed in the preceding European Compliance table, the module
shall be installed in accordance with the installation instructions in this data sheet and shall not be modified. When
integrating a radio module into a completed product, the integrator becomes the manufacturer of the final product and
is therefore responsible for demonstrating compliance of the final product with the essential requirements against the
RED.
10.3.1
Labeling and User Information Requirements
The label on the final product that contains the RNBD451 module has must follow CE marking requirements.
10.3.2
Conformity Assessment
From ETSI Guidance Note EG 203367, section 6.1, when non-radio products are combined with a radio product:
If the manufacturer of the combined equipment installs the radio product in a host non-radio product in equivalent
assessment conditions (i.e. host equivalent to the one used for the assessment of the radio product) and according to
the installation instructions for the radio product, then no additional assessment of the combined equipment against
article 3.2 of the RED is required.
10.3.2.1 Simplified EU Declaration of Conformity
Hereby, Microchip Technology Inc. declares that the radio equipment type RNBD451 is in compliance with Directive
2014/53/EU.
The full text of the EU declaration of conformity, for this product, is available at www.microchip.com/design-centers/
wireless-connectivity/.
10.3.3
Helpful Websites
A document that can be used as a starting point in understanding the use of Short Range Devices (SRD) in Europe is
the European Radio Communications Committee (ERC) Recommendation 70-03 E, which can be downloaded from
the European Communications Committee (ECC) at: http://www.ecodocdb.dk/.
Additional helpful web sites are:
• Radio Equipment Directive (2014/53/EU):
https://ec.europa.eu/growth/single-market/european-standards/harmonised-standards/red_en
• European Conference of Postal and Telecommunications Administrations (CEPT):
http://www.cept.org
• European Telecommunications Standards Institute (ETSI):
http://www.etsi.org
• The Radio Equipment Directive Compliance Association (REDCA):
http://www.redca.eu/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com