Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 63Page - Maxim Integrated Products DS26519G Datasheet HTML 64Page - Maxim Integrated Products DS26519G Datasheet HTML 65Page - Maxim Integrated Products DS26519G Datasheet HTML 66Page - Maxim Integrated Products DS26519G Datasheet HTML 67Page - Maxim Integrated Products DS26519G Datasheet HTML 68Page - Maxim Integrated Products DS26519G Datasheet HTML 69Page - Maxim Integrated Products DS26519G Datasheet HTML 70Page - Maxim Integrated Products DS26519G Datasheet HTML 71Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
67 of 310
9.9.4.2.6 Receive-Signaling Freeze
The signaling data in the four multiframe signaling buffers will be frozen in a known good state upon either a loss of
synchronization (OOF event), carrier loss, or change of frame alignment. In T1 mode, this action meets the
requirements of BellCore TR-TSY-000170 for signaling freezing. To allow this freeze action to occur, the RSFE
control bit (RSIGC.1) should be set high. The user can force a freeze by setting the RSFF control bit (RSIGC.2)
high. The RSIGF output pin provides a hardware indication that a freeze is in effect. The four multiframe buffer
provides a three multiframe delay in the signaling bits provided at the RSIGn pin (and at the RSERn pin if receive-
signaling reinsertion is enabled). When freezing is enabled (RSFE = 1), the signaling data will be held in the last
known good state until the corrupting error condition subsides. When the error condition subsides, the signaling
data will be held in the old state for at least an additional 9ms (4.5ms in D4 framing mode, 6ms for E1 mode) before
being allowed to be updated with new signaling data.
The receive-signaling registers are frozen and not updated during a loss of sync condition. They will contain the
most recent signaling information before the LOF occurred.
9.9.4.3 Transmit SLC-96 Operation (T1 Mode Only)
In an SLC-96-based transmission scheme, the standard Fs-bit pattern is robbed to make room for a set of
message fields. The SLC-96 multiframe is made up of six D4 superframes, hence it is 72 frames long. In the 72-
frame SLC-96 multiframe, 36 of the framing bits are the normal Ft pattern and the other 36 bits are divided into
alarm, maintenance, spoiler, and concentrator bits as well as 12-bits of the normal Fs pattern. Additional SLC-96
information can be found in BellCore document TR-TSY-000008. Registers related to the transmit FDL are shown
in Table 9-18.
Table 9-18. Registers Related to SLC-96
REGISTER
FRAMER 1
ADDRESSES
FUNCTION
Transmit FDL Register (T1TFDL)
162h
For sending messages in transmit SLC-96 Ft/Fs
bits.
Transmit SLC-96 Data Link Registers 1
to 3 (T1TSLC1:T1TSLC3)
164h, 165h, 166h
Registers that control the SLC-96 overhead
values.
Transmit Control Register 2 T1.TCR2)
182h
Transmit control for data selection source for the
Ft/Fs bits.
Transmit Latched Status Register 1
(TLS1)
190h
Status bit for indicating transmission of data link
buffer.
Receive SLC-96 Data Link Registers 1
to 3 (T1RSLC1:T1RSLC3)
064h, 065h, 066h
—
Receive Latched Status Register 7
(RLS7)
096h
Receive SLC-96 alignment event.
Note: The addresses shown above are for Framer 1.
The T1TFDL register is used to insert the SLC-96 message fields. To insert the SLC-96 message using the
T1TFDL register, the user should configure the DS26519 as shown below:
•
T1.TCR2.6 (TSLC96) = 1
Enable Transmit SLC-96.
•
T1.TCR2.7 (TFDLS) = 0
Source FS bits via TFDL or SLC-96 formatter.
•
TCR3.2 (TFM) = 1
D4 framing mode.
•
TCR1.6 (TFPT) = 0
Do not “pass through” TSERn F-bits.
The DS26519 will automatically insert the 12-bit alignment pattern in the Fs bits for the SLC-96 data link frame.
Data from the T1TSLC1–3 will be inserted into the remaining Fs-bit locations of the SLC-96 multiframe. The status
bit TSLC96 located at TLS1.4 will set to indicate that the SLC-96 data link buffer has been transmitted and that the
user should write new message data into T1TSLC1–3. The host will have 9ms after the assertion of TLS1.4 to write
the registers T1TSLC1–3. If no new data is provided in these registers, the previous values will be retransmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com