Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 42Page - Maxim Integrated Products DS26519G Datasheet HTML 43Page - Maxim Integrated Products DS26519G Datasheet HTML 44Page - Maxim Integrated Products DS26519G Datasheet HTML 45Page - Maxim Integrated Products DS26519G Datasheet HTML 46Page - Maxim Integrated Products DS26519G Datasheet HTML 47Page - Maxim Integrated Products DS26519G Datasheet HTML 48Page - Maxim Integrated Products DS26519G Datasheet HTML 49Page - Maxim Integrated Products DS26519G Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
46 of 310
9.8.1.7 Mapping E1 Channels onto a 1.544MHz Backplane
The user can use the RSCLKM bit in RIOCR.4 to enable the receive elastic store to operate with a 1.544MHz
backplane (24 channels / frame + F-bit). In this mode the user can choose which of the E1 time slots will be
ignored (not transmitted onto RSERn) by programming the Receive Blank Channel Select registers (RBCS1–4). A
logic 1 in the associated bit location will cause the elastic store to ignore the incoming E1 data for that channel.
Typically, the user will want to program eight channels to be ignored. The default (power-up) configuration will
ignore channels 25 to 32, so that the first 24 E1 channels are mapped into the 24 channels of the 1.544MHz
backplane. In this mode the F-bit location at RSERn is always set to 1.
For example, if the user wants to ignore E1 time slots 0 (channel 1) and TS 16 (channel 17), the RBCS registers
would be programmed as follows:
RBCS1 = 01h
RBCS2 = 00h
RBCS3 = 01h
RBCS4 = FCh
9.8.2
IBO Multiplexing
The DS26519 offers two methods of multiplexing data streams onto a high-speed backplane bus. The traditional
method of IBO operation that allows the user to gang signals together on the PCB is supported. RSERn and RSIGn
will tri-state at the appropriate times to allow the ganging of these signals together.
The default method multiplexes the data streams internally and then outputs them on one pin, i.e., RSER1. For
example, if the user wants to multiplex RSER[1:8] together to make a 16MHz high-speed bus, the data stream will
be output on RSER1 only.
The selection between external ganging and internal multiplexing is made via GTCR1.GIBO.
Note that in IBO mode, the channel block signals TCHBLKn and RCHBLKn are referenced to as TSYSCLKn and
RSYSCLKn.
Figure 9-12, Figure 9-13, and Figure 9-14 show the equivalent internal circuit for each IBO mode. These figures
only show channels 1–8. Channels 9–16 have their own identical IBO circuitry as Channels 1–8. Table 9-5
describes the pin function changes for each mode of the IBO multiplexer.
Table 9-5. Registers Related to the IBO Multiplexer
REGISTER
FRAMER 1
ADDRESSES
FUNCTION
Global Transceiver Control
Register 1 (GTCR1)
00F0h
This is a global register used to specify ganged operation
for the IBO.
Global Framer Control Register 1
(GFCR1)
00F1h
This global register defines the number of devices per
bus and bus speed.
Receive Interleave Bus Operation
Control Register (RIBOC)
088h
This register configures the per-port IBO enable and type
of interleaving (channel vs. frame).
Transmit Interleave Bus
Operation Control Register
(TIBOC)
188h
This register configures the per-port IBO enable and type
of interleaving (channel vs. frame).
Note: The addresses shown above are for Framer 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com