Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 7Page - Maxim Integrated Products DS26519G Datasheet HTML 8Page - Maxim Integrated Products DS26519G Datasheet HTML 9Page - Maxim Integrated Products DS26519G Datasheet HTML 10Page - Maxim Integrated Products DS26519G Datasheet HTML 11Page - Maxim Integrated Products DS26519G Datasheet HTML 12Page - Maxim Integrated Products DS26519G Datasheet HTML 13Page - Maxim Integrated Products DS26519G Datasheet HTML 14Page - Maxim Integrated Products DS26519G Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
11 of 310
2.5
Framer/Formatter
Fully independent transmit and receive functionality
Full receive and transmit path transparency
T1 framing formats D4 and ESF per T1.403 and expanded SLC-96 support (TR-TSY-008)
E1 FAS framing and CRC-4 multiframe per G.704/G.706, and G.732 CAS multiframe
Transmit-side synchronizer
Transmit midpath CRC recalculate (E1)
Detailed alarm and status reporting with optional interrupt support
Large path and line error counters
−
T1: BPV, CV, CRC-6, and framing bit errors
−
E1: BPV, CV, CRC-4, E-bit, and frame alignment errors
−
Timed or manual update modes
DS1 Idle Code Generation on a per-channel basis in both transmit and receive paths
−
User defined
−
Digital Milliwatt
ANSI T1.403-1999 support
G.965 V5.2 link detect
Ability to monitor one DS0 channel in both the transmit and receive paths
In-band repeating pattern generators and detectors
−
Three independent generators and detectors
−
Patterns from 1 to 8 bits or 16 bits in length
Bit oriented code (BOC) support
Flexible signaling support
−
Software or hardware based
−
Interrupt generated on change of signaling data
−
Optional receive signaling freeze on loss of frame, loss of signal, or frame slip
−
Hardware pins provided to indicate loss of frame (LOF), loss of signal (LOS), loss of transmit clock
(LOTC), or signaling freeze condition
Automatic RAI generation to ETS 300 011 specifications
RAI-CI and AIS-CI support
Expanded access to Sa and Si bits
Option to extend carrier loss criteria to a 1ms period as per ETS 300 233
Japanese J1 support
Ability to calculate and check CRC-6 according to the Japanese standard
Ability to generate Yellow Alarm according to the Japanese standard
T1-to-E1 conversion
2.6
System Interface
Independent two-frame receive and transmit elastic stores
Independent control and clocking
Controlled slip capability with status
Minimum delay mode supported
Flexible TDM backplane supports bus rates from 1.544MHz to 16.384MHz
Supports T1 to CEPT (E1) conversion
Programmable output clocks for fractional T1, E1, H0, and H12 applications
Interleaving PCM bus operation
Hardware signaling capability
Receive signaling reinsertion to a backplane multiframe sync
Availability of signaling in a separate PCM data stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com