Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 75Page - Maxim Integrated Products DS26519G Datasheet HTML 76Page - Maxim Integrated Products DS26519G Datasheet HTML 77Page - Maxim Integrated Products DS26519G Datasheet HTML 78Page - Maxim Integrated Products DS26519G Datasheet HTML 79Page - Maxim Integrated Products DS26519G Datasheet HTML 80Page - Maxim Integrated Products DS26519G Datasheet HTML 81Page - Maxim Integrated Products DS26519G Datasheet HTML 82Page - Maxim Integrated Products DS26519G Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
79 of 310
9.9.10 DS0 Monitoring Function
The DS26519 can monitor one DS0 (64kbps) channel in the transmit direction and one DS0 channel in the receive
direction at the same time. Table 9-32 shows the registers related to the control of transmit and receive DS0.
Table 9-32. Registers Related to DS0 Monitoring
REGISTER
FRAMER 1
ADDRESSES
FUNCTION
Transmit DS0 Channel Monitor Select
Register (TDS0SEL)
189h
Transmit channel to be monitored.
Transmit DS0 Monitor Register
(TDS0M)
1BBh
Monitored data.
Receive Channel Monitor Select Register
(RDS0SEL)
012h
Receive channel to be monitored.
Receive DS0 Monitor Register
(RDS0M)
060h
Monitored data.
Note: The addresses shown above are for Framer 1.
In the transmit direction the user will determine which channel is to be monitored by properly setting the TCM[4:0]
bits in the TDS0SEL register. In the receive direction, the RCM[4:0] bits in the RDS0SEL register need to be
properly set. The DS0 channel pointed to by the TCM[4:0] bits will appear in the Transmit DS0 Monitor Register
(TDS0M) and the DS0 channel pointed to by the RCM[4:0] bits will appear in the Receive DS0 Monitor Register
(RDS0M). The TCM[4:0] and RCM[4:0] bits should be programmed with the decimal decode of the appropriate
T1or E1 channel. T1 channels 1 to 24 map to register values 0 to 23. E1 channels 1 to 32 map to register values 0
to 31. For example, if DS0 channel 6 in the transmit direction and DS0 channel 15 in the receive direction needed
to be monitored, then the following values would be programmed into TDS0SEL and RDS0SEL:
TCM4 = 0
RCM4 = 0
TCM3 = 0
RCM3 = 1
TCM2 = 1
RCM2 = 1
TCM1 = 0
RCM1 = 1
TCM0 = 1
RCM0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com