Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 31Page - Maxim Integrated Products DS26519G Datasheet HTML 32Page - Maxim Integrated Products DS26519G Datasheet HTML 33Page - Maxim Integrated Products DS26519G Datasheet HTML 34Page - Maxim Integrated Products DS26519G Datasheet HTML 35Page - Maxim Integrated Products DS26519G Datasheet HTML 36Page - Maxim Integrated Products DS26519G Datasheet HTML 37Page - Maxim Integrated Products DS26519G Datasheet HTML 38Page - Maxim Integrated Products DS26519G Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
35 of 310
Figure 9-5. SPI Serial Port Access for Write Mode, SPI_CPOL = 0, SPI_CPHA = 0
0
A13
LSB
MSB
SPI_SCLK
CSB
SPI_MOSI
SPI_MISO
D7
D6
D5
D4
D3
D2
D1
D0
LSB
MSB
A4
A3
A2
A1
A0
LSB
MSB
A12
A11
A10
A9
A8
A7
A6
A5
B
Figure 9-6. SPI Serial Port Access for Write Mode, SPI_CPOL = 1, SPI_CPHA = 0
SPI_SCLK
CSB
0
A13
LSB
MSB
SPI_MOSI
SPI_MISO
D7
D6
D5
D4
D3
D2
D1
D0
LSB
MSB
A4
A3
A2
A1
A0
LSB
MSB
A12
A11
A10
A9
A8
A7
A6
A5
B
Figure 9-7. SPI Serial Port Access for Write Mode, SPI_CPOL = 0, SPI_CPHA = 1
SPI_SCLK
CSB
0
A13
LSB
MSB
SPI_MOSI
SPI_MISO
D7
D6
D5
D4
D3
D2
D1
D0
LSB
MSB
A4
A3
A2
A1
A0
LSB
MSB
A12
A11
A10
A9
A8
A7
A6
A5
B
Figure 9-8. SPI Serial Port Access for Write Mode, SPI_CPOL = 1, SPI_CPHA = 1
SPI_SCLK
CSB
0
A13
LSB
MSB
SPI_MOSI
SPI_MISO
D7
D6
D5
D4
D3
D2
D1
D0
LSB
MSB
A4
A3
A2
A1
A0
LSB
MSB
A12
A11
A10
A9
A8
A7
A6
A5
B
9.2
Clock Structure
The user should provide a system clock to the MCLK input of 2.048MHz, 1.544MHz, or a multiple of up to 8x the T1
and E1 frequencies. To meet many specifications, the MCLK source should have ±50ppm accuracy.
9.2.1
Backplane Clock Generation
The DS26519 provides facility for provision of BPCLK[2:1] at 2.048MHz, 4.096MHz, 8.192MHz, 16.384MHz (see
Figure 9-9). The Global Transceiver Clock Control Register 1 (GTCCR1) is used to control the backplane clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com