| Electronic Components Datasheet Search |
|
DS26519G Datasheet(PDF) 74 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS26519G Datasheet(HTML) 74 Page - Maxim Integrated Products |
|
74 / 310 page ![]() DS26519 16-Port T1/E1/J1 Transceiver 74 of 310 9.9.7.1 Status and Information Bit Operation When a particular event has occurred (or is occurring), the appropriate bit in one of these registers will be set to a one. Status bits may operate in either a latched or real-time fashion. Some latched bits may be enabled to generate a hardware interrupt via the INTB signal. 9.9.7.1.1 Real-Time Bits Some status bits operate in a real-time fashion. These bits are read-only and indicate the present state of an alarm or a condition. Real-time bits will remain stable, and valid during the host read operation. The current value of the internal status signals can be read at any time from the real-time status registers without changing any the latched status register bits. 9.9.7.1.2 Latched Bits When an event or an alarm occurs and a latched bit is set to a one, it will remain set until cleared by the user. These bits typically respond on a change-of-state for an alarm, condition, or event; and operate in a read-then-write fashion. The user should read the value of the desired status bit, and then write a 1 to that particular bit location in order to clear the latched value (write a 0 to locations not to be cleared). Once the bit is cleared, it will not be set again until the event has occurred again. 9.9.7.1.3 Mask Bits Some of the alarms and events can be either masked or unmasked from the interrupt pin via the Receive Interrupt Mask Registers (RIM1, RIM3, RIM4, RIM5, RIM7). When unmasked, the INTB signal will be forced low when the enabled event or condition occurs. The INTB pin will be allowed to return high (if no other unmasked interrupts are present) when the user reads then clears (with a write) the alarm bit that caused the interrupt to occur. Note that the latched status bit and the INTB pin will clear even if the alarm is still present. Note that some conditions may have multiple status indications. For example, receive loss of frame (RLOF) provides the following indications: RRTS1.0 (RLOF) Real-time indication that the receiver is not synchronized with incoming data stream. Read-only bit that remains high as long as the condition is present. RLS1.0 (RLOFD) Latched indication that the receiver has loss synchronization since the bit was last cleared. Bit will clear when written by the user, even if the condition is still present (rising edge detect of RRTS1.0). RLS1.4 (RLOFC) Latched indication that the receiver has reacquired synchronization since the bit was last cleared. Bit will clear when written by the user, even if the condition is still present (falling edge detect of RRTS1.0). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |