Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 17Page - Maxim Integrated Products DS26519G Datasheet HTML 18Page - Maxim Integrated Products DS26519G Datasheet HTML 19Page - Maxim Integrated Products DS26519G Datasheet HTML 20Page - Maxim Integrated Products DS26519G Datasheet HTML 21Page - Maxim Integrated Products DS26519G Datasheet HTML 22Page - Maxim Integrated Products DS26519G Datasheet HTML 23Page - Maxim Integrated Products DS26519G Datasheet HTML 24Page - Maxim Integrated Products DS26519G Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
21 of 310
NAME
PIN
TYPE
FUNCTION
ANALOG RECEIVE
RTIP1
B4
RTIP2
T2
RTIP3
U1
RTIP4
Y2
RTIP5
AA20
RTIP6
J21
RTIP7
G21
RTIP8
C21
RTIP9
AB13
RTIP10
AB15
RTIP11
AB17
RTIP12
M22
RTIP13
A11
RTIP14
A9
RTIP15
B6
RTIP16
N1
Analog
Input
Receive Bipolar Tip for Transceiver 1 to 16.
The differential inputs of RTIPn
and RRINGn can provide partially internal impedance matching for E1 75
Ω, E1
120
Ω, T1 100Ω, or J1 110Ω. The user can turn off internal termination via the
LIU Receive Impedance and Sensitivity Monitor register (LRISMR).
RRING1
A4
RRING2
R2
RRING3
V2
RRING4
Y1
RRING5
AB20
RRING6
H22
RRING7
F21
RRING8
D22
RRING9
AB12
RRING10
AA15
RRING11
AA18
RRING12
N22
RRING13
A12
RRING14
B9
RRING15
A6
RRING16
N2
Analog
Input
Receive Bipolar Ring for Transceiver 1 to 16.
The differential inputs of RTIPn
and RRINGn can provide partially internal impedance matching for E1 75
Ω, E1
120
Ω, T1 100Ω, or J1 110Ω. The user has the option of turning off internal
termination via the LIU Receive Impedance and Sensitivity Monitor register
(LRISMR).
RTIPE1
A3
RTIPE2
R1
RTIPE3
V1
RTIPE4
AA1
RTIPE5
AB21
RTIPE6
J22
RTIPE7
F22
RTIPE8
C22
RTIPE9
AA13
RTIPE10
AA16
RTIPE11
AB18
RTIPE12
L22
RTIPE13
A13
RTIPE14
B8
RTIPE15
A7
RTIPE16
M1
Analog
Input
Receive Tip External Termination 1 to 16.
These pins are used with RTIPn to
provide the ability to switch out the external termination resistor, thereby
providing high impedance to the line. Useful for redundancy applications.
RESREF
E5
Input
Resistor Reference.
This pin is used to calibrate the internal impedance match
resistors of the receive LIUs. This pin should be tied to VSS through a 10kΩ ±1%
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com