Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 21Page - Maxim Integrated Products DS26519G Datasheet HTML 22Page - Maxim Integrated Products DS26519G Datasheet HTML 23Page - Maxim Integrated Products DS26519G Datasheet HTML 24Page - Maxim Integrated Products DS26519G Datasheet HTML 25Page - Maxim Integrated Products DS26519G Datasheet HTML 26Page - Maxim Integrated Products DS26519G Datasheet HTML 27Page - Maxim Integrated Products DS26519G Datasheet HTML 28Page - Maxim Integrated Products DS26519G Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
25 of 310
NAME
PIN
TYPE
FUNCTION
RECEIVE FRAMER
RSER1
D12
RSER2
E12
RSER3
J5
RSER4
AA4
RSER5
Y10
RSER6
AA10
RSER7
B18
RSER8
T20
RSER9
L17
RSER10
L16
RSER11
B1
RSER12
K7
RSER13
J4
RSER14
P7
RSER15
H13
RSER16
M16
Output
Received Serial Data 1 to 16.
Received NRZ serial data. Updated on rising
edges of RCLKn when the receive-side elastic store is disabled. Updated on the
rising edges of RSYSCLKn when the receive-side elastic store is enabled.
When IBO mode is used, the RSERn pins can output data for multiple framers.
The RSERn data is synchronous to RSYSCLKn. See Section 9.8.2 and Table
9-6.
RCLK1
J9
RCLK2
H7
RCLK3
J8
RCLK4
H6
RCLK5
T15
RCLK6
U19
RCLK7
V20
RCLK8
W20
RCLK9
D3
RCLK10
C2
RCLK11
H3
RCLK12
G3
RCLK13
T17
RCLK14
R15
RCLK15
T18
RCLK16
N15
Ouput
Receive Clock.
A 1.544MHz (T1) or 2.048MHz (E1) clock that is used to clock
data through the receive-side framer. This clock is recovered from the signal at
RTIPn and RRINGn. RSERn data is output on the rising edge of RCLKn. RCLKn
is used to output RSERn when the elastic store is not enabled or IBO is not used.
When the elastic store is enabled or IBO is used, the RSERn is clocked by
RSYSCLKn.
RSYSCLK1
U18
RSYSCLK2
G9
RSYSCLK3
J6
RSYSCLK4
W7
RSYSCLK5
AB7
RSYSCLK6
AB10
RSYSCLK7
C19
RSYSCLK8
AA22
RSYSCLK9
G6
RSYSCLK10
P18
RSYSCLK11
F2
RSYSCLK12
AB2
RSYSCLK13
P8
RSYSCLK14
R7
RSYSCLK15
G15
RSYSCLK16
T19
Input
Receive System Clock 1 to 16.
1.544MHz, 2.048MHz, 4.096MHz, 8.192MHz, or
16.384MHz receive backplane clock. Only used when the receive-side elastic
store function is enabled. Should be tied low in applications that do not use the
receive-side elastic store. Multiple of 2.048MHz is expected when the IBO mode
is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com