Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 58Page - Maxim Integrated Products DS26519G Datasheet HTML 59Page - Maxim Integrated Products DS26519G Datasheet HTML 60Page - Maxim Integrated Products DS26519G Datasheet HTML 61Page - Maxim Integrated Products DS26519G Datasheet HTML 62Page - Maxim Integrated Products DS26519G Datasheet HTML 63Page - Maxim Integrated Products DS26519G Datasheet HTML 64Page - Maxim Integrated Products DS26519G Datasheet HTML 65Page - Maxim Integrated Products DS26519G Datasheet HTML 66Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
62 of 310
Table 9-15 shows the registers that are related to setting up the framing.
Table 9-15. Registers Related to Setting Up the Framer
REGISTER
FRAMER 1
ADDRESSES
FUNCTION
Transmit Master Mode Register (TMMR)
180h
T1/E1 mode.
Transmit Control Register 1 (TCR1)
181h
Source of the F-bit.
Transmit Control Register 2 (T1.TCR2)
182h
F-bit corruption, selection of SLC-96.
Transmit Control Register 3 (TCR3)
183h
ESF or D4 mode selection.
Receive Master Mode Register (RMMR)
080h
T1/E1 selection for receiver.
Receive Control Register 1 (RCR1)
081h
Resynchronization criteria for the framer.
Receive Control Register 2 (T1RCR2)
014h
T1 remote alarm and OOF criteria.
Receive Control Register 2 (E1RCR2)
082h
E1 receive loss of signal criteria selection.
Receive Latched Status Register 1 (RLS1)
090h
Receive latched status 1.
Receive Interrupt Mask Register 1 (RIM1)
0A0h
Receive interrupt mask 1.
Receive Latched Status Register 2 (RLS2)
091h
Receive latched status 2.
Receive Interrupt Mask Register 2 (RIM2)
0A1h
Receive interrupt mask 2.
Receive Latched Status Register 4 (RLS4)
093h
Receive latched status 4.
Receive Interrupt Mask Register 4 (RIM4)
0A3h
Receive interrupt mask 4.
Frames Out of Sync Count Register 1
(FOSCR1)
054h
Framer out of sync register 1.
Frames Out of Sync Count Register 2
(FOSCR2)
055h
Framer out of sync register 2.
E1 Receive Align Frame Register (E1RAF)
064h
RAF byte.
E1 Receive Non-Align Frame Register
(E1RNAF)
065h
RNAF byte.
Transmit SLC-96 Data Link Register 1
(T1TSLC1)
164h
Transmit SLC-96 bits.
Transmit SLC-96 Data Link Register 2
(T1TSLC2)
165h
Transmit SLC-96 bits.
Transmit SLC-96 Data Link Register 3
(T1TSLC3)
166h
Transmit SLC-96 bits.
Receive SLC-96 Data Link Register 1
(T1RSLC1)
064h
Receive SLC-96 bits.
Receive SLC-96 Data Link Register 2
(T1RSLC2)
065h
Receive SLC-96 bits.
Receive SLC-96 Data Link Register 3
(T1RSLC3)
066h
Receive SLC-96 bits.
Note: The addresses shown above are for Framer 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com