| Electronic Components Datasheet Search |
|
DS26519G Datasheet(PDF) 80 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS26519G Datasheet(HTML) 80 Page - Maxim Integrated Products |
|
80 / 310 page ![]() DS26519 16-Port T1/E1/J1 Transceiver 80 of 310 9.9.11 Transmit Per-Channel Idle Code Generation Channel data can be replaced by an idle code on a per-channel basis in the transmit and receive directions. The Transmit Idle Code Definition Registers (TIDR1–32) are provided to set the 8-bit idle code for each channel. The Transmit Channel Idle Code Enable registers (TCICE1–4) are used to enable idle code replacement on a per- channel basis. 9.9.12 Receive Per-Channel Idle Code Insertion Channel data can be replaced by an idle code on a per-channel basis in the transmit and receive directions. The Receive Idle Code Definition Registers (RIDR1–32) are provided to set the 8-bit idle code for each channel. The Receive Channel Idle Code Enable Registers (RCICE1–4) are used to enable idle code replacement on a per- channel basis. 9.9.13 Per-Channel Loopback The Per-Channel Loopback Enable Registers (PCL1–4) determine which channels (if any) from the backplane should be replaced with the data from the receive side or in other words, off of the T1 or E1 line. If this loopback is enabled, then transmit and receive clocks and frame syncs must be synchronized. One method to accomplish this would be to tie RCLKn to TCLKn and RFSYNCn to TSYNCn. There are no restrictions on which channels can be looped back or on how many channels can be looped back. Each of the bit positions in PCL1–4) represents a DS0 channel in the outgoing frame. When these bits are set to a one, data from the corresponding receive channel will replace the data on TSERn for that channel. 9.9.14 E1 G.706 Intermediate CRC-4 Updating (E1 Mode Only) The DS26519 can implement the G.706 CRC-4 recalculation at intermediate path points. When this mode is enabled, the data stream presented at TSERn will already have the FAS/NFAS, CRC multiframe alignment word, and CRC-4 checksum in time slot 0. The user can modify the Sa-bit positions and this change in data content will be used to modify the CRC-4 checksum. This modification, however, will not corrupt any error information the original CRC-4 checksum may contain. In this mode of operation, TSYNCn must be configured to multiframe mode. The data at TSERn must be aligned to the TSYNCn signal. If TSYNCn is an input then the user must assert TSYNCn aligned at the beginning of the multiframe relative to TSERn. If TSYNCn is an output, the user must multiframe align the data presented to TSERn. This mode is enabled with the TCR3.0 control bit (CRC4R). Note that the E1 transmitter must already be enabled for CRC insertion with the TCR1.0 control bit (TCRC4). See Figure 9-17. Figure 9-17. CRC-4 Recalculate Method TSERn XOR CRC-4 CALCULATOR EXTRACT OLD CRC-4 CODE INSERT NEW CRC-4 CODE MODIFY Sa-BIT POSITIONS NEW Sa-BIT DATA + TTIPn/TRINGn |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |