Electronic Components Datasheet Search
  English  ▼

X  

DS26519G Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button DS26519G Datasheet HTML 40Page - Maxim Integrated Products DS26519G Datasheet HTML 41Page - Maxim Integrated Products DS26519G Datasheet HTML 42Page - Maxim Integrated Products DS26519G Datasheet HTML 43Page - Maxim Integrated Products DS26519G Datasheet HTML 44Page - Maxim Integrated Products DS26519G Datasheet HTML 45Page - Maxim Integrated Products DS26519G Datasheet HTML 46Page - Maxim Integrated Products DS26519G Datasheet HTML 47Page - Maxim Integrated Products DS26519G Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 310 page
background image
DS26519 16-Port T1/E1/J1 Transceiver
44 of 310
9.8.1.1 Elastic Stores Initialization
There are two elastic store initializations that may be used to improve performance in certain applications: elastic
store reset and elastic store align. Both of these involve the manipulation of the elastic store’s read and write
pointers and are useful primarily in synchronous applications (RSYSCLKn/TSYSCLKn are locked to
RCLKn/TCLKn, respectively). The elastic store reset is used to minimize the delay through the elastic store. The
elastic store align bit is used to center the read/write pointers to the extent possible.
Table 9-4. Elastic Store Delay After Initialization
INITIALIZATION
REGISTER BIT
DELAY
Receive Elastic Store Reset
RESCR.2
N bytes < Delay < 1 Frame + N bytes
Transmit Elastic Store Reset
TESCR.2
N bytes < Delay < 1 Frame + N bytes
Receive Elastic Store Align
RESCR.3
1/2 Frame < Delay < 1 1/2 Frames
Transmit Elastic Store Align
TESCR.3
1/2 Frame < Delay < 1 1/2 Frames
N = 9 for RSZS = 0; N = 2 for RSZS = 1
9.8.1.2 Minimum Delay Mode
Elastic store minimum delay mode may be used when the elastic store’s system clock is locked to its network clock
(i.e., RCLKn locked to RSYSCLKn for the receive side and TCLKn locked to TSYSCLKn for the transmit side).
RESCR enables the receive elastic store minimum delay mode. When enabled, the elastic stores will be forced to a
maximum depth of 32 bits instead of the normal two-frame depth. This feature is useful primarily in applications that
interface to a 2.048MHz bus. Certain restrictions apply when minimum delay mode is used. In addition to the
restriction mentioned above, RSYNCn must be configured as an output when the receive elastic store is in
minimum delay mode, and TSYNCn must be configured as an output when transmit minimum delay mode is
enabled. In this mode, the SYNC outputs are always in frame mode (multiframe outputs are not allowed). In a
typical application RSYSCLKn and TSYSCLKn are locked to RCLKn, and RSYNCn (frame output mode) is
connected to TSSYNCIOn (frame input mode). The slip zone select bit (RSZS at RESCR.4) must be set to 1. All
the slip contention logic in the framer is disabled (since slips cannot occur). On power-up after the RSYSCLKn and
TSYSCLKn signals have locked to their respective network clock signals, the elastic store reset bit (RESCR.2)
should be toggled from a zero to a one to ensure proper operation.
9.8.1.3 Additional Receive Elastic Store Information
If the receive-side elastic store is enabled, then the user must provide either a 1.544MHz or 2.048MHz clock at the
RSYSCLKn pin. See Section 9.8.2 for higher rate system clock applications. The user has the option of either
providing a frame/multiframe sync at the RSYNCn pin or having the RSYNCn pin provide a pulse on
frame/multiframe boundaries. If signaling reinsertion is enabled, the robbed-bit signaling data is realigned to the
multiframe sync input on RSYNCn. Otherwise, a multiframe sync input on RSYNCn is treated as a simple frame
boundary by the elastic store. The framer will always indicate frame boundaries on the network side of the elastic
store via the RFSYNCn output whether the elastic store is enabled or not. Multiframe boundaries will always be
indicated via the RMSYNCn output. If the elastic store is enabled, then RMSYNCn will output the multiframe
boundary on the backplane side of the elastic store. When the device is receiving T1 and the backplane is enabled
for 2.048MHz operation, the RMSYNCn signal will output the T1 multiframe boundaries as delayed through the
elastic store. When the device is receiving E1 and the backplane is enabled for 1.544MHz operation, the
RMSYNCn signal will output the E1 multiframe boundaries as delayed through the elastic store.
If the user selects to apply a 2.048MHz clock to the RSYSCLKn pin, the user can use the backplane blank channel
select registers (RBCS1–4) to determine which channels will have the data output at RSERn forced to all ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com