Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 12Page - NXP Semiconductors PCA2131 Datasheet HTML 13Page - NXP Semiconductors PCA2131 Datasheet HTML 14Page - NXP Semiconductors PCA2131 Datasheet HTML 15Page - NXP Semiconductors PCA2131 Datasheet HTML 16Page - NXP Semiconductors PCA2131 Datasheet HTML 17Page - NXP Semiconductors PCA2131 Datasheet HTML 18Page - NXP Semiconductors PCA2131 Datasheet HTML 19Page - NXP Semiconductors PCA2131 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
[1]
Duty cycle definition: % HIGH-level time: % LOW-level time.
[2]
Default value.
The duty cycle of the selected clock is not controlled, however, due to the nature of the clock generation all but
the 32.768 kHz frequencies are 50 : 50.
7.4 Register Aging_offset
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
T
T
T
T
AO[3:0]
Reset
value
0
0
0
0
1
0
0
0
Table 19. Aging_offset - crystal aging offset register (address 30h) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
7 to 4
T
0000
unused
3 to 0
AO[3:0]
see Table 21
aging offset value
Table 20. Aging_offset - crystal aging offset register (address 30h) bit description
7.4.1 Crystal aging correction
The PCA2131 has an offset register Aging_offset to correct the crystal aging effects 1 .
The accuracy of the frequency of a quartz crystal depends on its aging. The aging offset adds an adjustment,
positive or negative, in the temperature compensation circuit which allows correcting the aging effect.
The aging offset bits allow a frequency correction of typically 2 ppm per AO[3:0] value, from -14 ppm to +16
ppm.
AO[3:0]
Decimal
Binary
ppm
0
0000
+16
1
0001
+14
2
0010
+12
3
0011
+10
4
0100
+8
5
0101
+6
6
0110
+4
7
0111
+2
8
1000
[1] 0
9
1001
-2
Table 21. Frequency correction at 25 °C, typical
1
For further information, refer to the application note [1].
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
16 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com