Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 63Page - NXP Semiconductors PCA2131 Datasheet HTML 64Page - NXP Semiconductors PCA2131 Datasheet HTML 65Page - NXP Semiconductors PCA2131 Datasheet HTML 66Page - NXP Semiconductors PCA2131 Datasheet HTML 67Page - NXP Semiconductors PCA2131 Datasheet HTML 68Page - NXP Semiconductors PCA2131 Datasheet HTML 69Page - NXP Semiconductors PCA2131 Datasheet HTML 70Page - NXP Semiconductors PCA2131 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
11 Application information
The PCA2131TF/Q900 is AEC-Q100 compliant for automotive applications. The operating temperature range is
from -40 °C to +105 °C and the time accuracy with temperature compensation is:
• ±3 ppm typical with ±8 ppm min/max from -40 °C to +85 °C
• ±8 ppm typical with ±15 ppm min/max from +85 °C to +105 °C
Above the maximum guaranteed operating temperature of +105 °C to the maximum ambient temperature
of +125 °C the PCA2131TF/Q900 TCXO, RTC and digital interfaces (I2C and SPI) functions continue to be
operational with the supply current increasing proportionally to temperature (see Figure 37 for the trend). The
temperature compensation circuity also continues to function and typical time accuracy of ±8 ppm has been
measured on the bench.
The general application diagram is shown in Figure 42.
aaa-041588
VDD
VDD(in)
VDD
VBAT
BBS
VDD
INTA
BBS
SDI
SDO
SDA/CE
IFS
TS1
CLKOUT
CLKOUT
SCL
VSS
Rsup
Csup
100 nF
100 nF
1 to 100 nF
RPU
Interface
PCA2131
INTA
I2C
SPI
TS2
TS3
TS4
VDD
INTB
RPU
INTB
RPU: 10 kΩ is recommended.
RSUP and CSUP: An appropriate RC filter needs to be added to guarantee the chip will only see <0.35 V/ms ramp down
rate on supply, even if Vdd_in ramp rate is very high.
Figure 42. General application diagram
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
67 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com