Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 48Page - NXP Semiconductors PCA2131 Datasheet HTML 49Page - NXP Semiconductors PCA2131 Datasheet HTML 50Page - NXP Semiconductors PCA2131 Datasheet HTML 51Page - NXP Semiconductors PCA2131 Datasheet HTML 52Page - NXP Semiconductors PCA2131 Datasheet HTML 53Page - NXP Semiconductors PCA2131 Datasheet HTML 54Page - NXP Semiconductors PCA2131 Datasheet HTML 55Page - NXP Semiconductors PCA2131 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
[1]
The chip enable must not be wired permanently LOW.
7.16.1.1 Data transmission
The chip enable signal is used to identify the transmitted data. Each data transfer is a whole byte, with the Most
Significant Bit (MSB) sent first.
The transmission is controlled by the active LOW chip enable signal SDA/CE. The first byte transmitted is the
command byte. Subsequent bytes are either data to be written or data to be read (see Figure 26).
SDO
aaa-041579
SDA/CE
DATA
DATA
DATA
SDI
COMMAND
DATA
DATA
DATA
Figure 26. Data transfer overview
The command byte defines the address of the first register to be accessed and the read/write mode. The
address counter will auto increment after every access and will reset to zero after the last valid register is
accessed. The R/W bit defines if the following bytes are read or write information.
Bit
Symbol
Value
Description
data read or write selection
0
write data
7
R/W
1
read data
6 to 0
RA
00h to 36h
register address
Table 86. Command byte definition
aaa-041580
seconds data 45BCD
minutes data 10BCD
addr 07h
R/W
07
xx
08
09
SCL
SDI
SDA/CE
address
counter
b7
0
b6
0
b5
0
b4
0
b3
0
b2
1
b1
1
b0
1
b7
0
b6
1
b5
0
b4
0
b3
0
b2
1
b1
0
b0
1
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
0
In this example, the Seconds register is set to 45 seconds and the Minutes register to 10 minutes.
Figure 27. SPI-bus write example
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
52 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com