Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 74Page - NXP Semiconductors PCA2131 Datasheet HTML 75Page - NXP Semiconductors PCA2131 Datasheet HTML 76Page - NXP Semiconductors PCA2131 Datasheet HTML 77Page - NXP Semiconductors PCA2131 Datasheet HTML 78Page - NXP Semiconductors PCA2131 Datasheet HTML 79Page - NXP Semiconductors PCA2131 Datasheet HTML 80Page - NXP Semiconductors PCA2131 Datasheet HTML 81Page - NXP Semiconductors PCA2131 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
18 Revision history
Document ID
Release date
Data sheet status
Change
notice
Supersedes
PCA2131 v.2.0
20231005
Product data sheet
-
PCA2131 v.1.0
Modifications:
• Table 4: 05h - corrected bits 6 to 4 and 2 to 1
• Table 25: Corrected duplicate header bit 6 to bit 7
• Table 92: tVD;DAT unit corrected to μs
• Table 93: PCF2127 and PCA/F2129 are NRND and removed from selection table; PCA2131
corrected to Grade 2 which is 105 °C
PCA2131 v.1.0
20211015
Product data sheet
-
-
Table 95. Revision history
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
78 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com