Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 25Page - NXP Semiconductors PCA2131 Datasheet HTML 26Page - NXP Semiconductors PCA2131 Datasheet HTML 27Page - NXP Semiconductors PCA2131 Datasheet HTML 28Page - NXP Semiconductors PCA2131 Datasheet HTML 29Page - NXP Semiconductors PCA2131 Datasheet HTML 30Page - NXP Semiconductors PCA2131 Datasheet HTML 31Page - NXP Semiconductors PCA2131 Datasheet HTML 32Page - NXP Semiconductors PCA2131 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Although the association of the weekdays counter to the actual weekday is arbitrary, the PCA2131 assumes
that Sunday is 000 and Monday is 001 for the purpose of determining the increment for calendar weeks.
Bit
Day[1]
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday
1
1
0
Table 39. Weekday assignments
[1]
Definition may be reassigned by the user.
7.9.7 Register Months
Bits labeled as T are unused and return 0 when read
Bit
7
6
5
4
3
2
1
0
Symbol
T
T
T
MONTHS (1 to 12)
Reset
value
0
0
0
0
0
0
0
1
Table 40. Months - months register (address 0Ch) bit allocation
Bits labeled as T are unused and return 0 when read
Bit
Symbol
Value
Place value Description
7 to 5
T
000
-
unused
4
0 to 1
ten’s place
3 to 0
MONTHS
0 to 9
unit place
actual month coded in BCD format, see Table 42
Table 41. Months - months register (address 0Ch) bit description
Upper-digit (ten’s
place)
Digit (unit place)
Month
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January
0
0
0
0
1
February
0
0
0
1
0
March
0
0
0
1
1
April
0
0
1
0
0
May
0
0
1
0
1
Table 42. Month assignments in BCD format
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
29 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com