Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 38Page - NXP Semiconductors PCA2131 Datasheet HTML 39Page - NXP Semiconductors PCA2131 Datasheet HTML 40Page - NXP Semiconductors PCA2131 Datasheet HTML 41Page - NXP Semiconductors PCA2131 Datasheet HTML 42Page - NXP Semiconductors PCA2131 Datasheet HTML 43Page - NXP Semiconductors PCA2131 Datasheet HTML 44Page - NXP Semiconductors PCA2131 Datasheet HTML 45Page - NXP Semiconductors PCA2131 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Place value Description
4
0 to 1
ten’s place
3 to 0
HOUR_TIMESTP
0 to 9
unit place
hour timestamp information coded in BCD format
when in 12-hour mode
24-hour mode[1]
5 to 4
0 to 2
ten’s place
3 to 0
HOUR_TIMESTP
0 to 9
unit place
hour timestamp information coded in BCD format
when in 24-hour mode
Table 71. Hour_timestp1/2/3/4 - hour timestamp register (address 17h/1Eh/25h/2Ch) bit description...continued
[1]
Hour mode is set by the bit 12_24 in register Control_1.
7.12.3.5 Register Day_timestp
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
T
T
DAY_TIMESTP (1 to 31)
Reset
value
0
0
0
0
0
0
0
0
Table 72. Day_timestp1/2/3/4 - day timestamp register (address 18h/1Fh/26h/2Dh) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Place value Description
7 to 6
T
00
-
unused
5 to 4
0 to 3
ten’s place
3 to 0
DAY_TIMESTP
0 to 9
unit place
day timestamp information coded in BCD format
Table 73. Day_timestp1/2/3/4 - day timestamp register (address 18h/1Fh/26h/2Dh) bit description
7.12.3.6 Register Mon_timestp
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
T
T
T
MONTH_TIMESTP (1 to 12)
Reset
value
0
0
0
0
0
0
0
0
Table 74. Mon_timestp1/2/3/4 - month timestamp register (address 19h/20h/27h/2Eh) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Place value Description
7 to 5
T
000
-
unused
4
MONTH_TIMESTP
0 to 1
ten’s place month timestamp information coded in BCD format
Table 75. Mon_timestp1/2/3/4 - month timestamp register (address 19h/20h/27h/2Eh) bit description
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
42 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com