Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 56Page - NXP Semiconductors PCA2131 Datasheet HTML 57Page - NXP Semiconductors PCA2131 Datasheet HTML 58Page - NXP Semiconductors PCA2131 Datasheet HTML 59Page - NXP Semiconductors PCA2131 Datasheet HTML 60Page - NXP Semiconductors PCA2131 Datasheet HTML 61Page - NXP Semiconductors PCA2131 Datasheet HTML 62Page - NXP Semiconductors PCA2131 Datasheet HTML 63Page - NXP Semiconductors PCA2131 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
VDD = 1.2 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +105 °C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
85 °C
Max
105 °C
Unit
VIH
HIGH-level input
voltage
0.7VDD
-
-
-
V
VI = VDD or VSS
-
0
-
-
µA
ILI
input leakage current
post ESD event
-1
-
-
+1
µA
Ci
input capacitance
[9] -
-
-
7
pF
Outputs
on pins INTA/B, referring
to external pull-up
-0.5
-
-
5.5
V
VO
output voltage
on pin BBS
[10]
1.2
-
-
5.5
V
VOH
HIGH output voltage on pin SDO, CLKOUT at
1 mA source current
0.8VDD
-
-
VDD
V
on pins CLKOUT, INTA/
B and SDO at 1 mA sink
current
VSS
-
-
0.2VDD
V
on pin SDA, VDD
> 2.0 V, 3 mA sink
current
-
-
-
0.4
V
VOL
LOW output voltage
on pin SDA, VDD
< 2.0 V, 2 mA sink
current
-
-
-
0.2VDD
V
output sink current;
VOL = 0.4 V
on pin SDA/CE
[11] 3
-
-
-
mA
IOL
LOW-level output
current
on all other outputs
1.0
-
-
-
mA
IOH
HIGH-level output
current
output source current; on
pin SDO, CLKOUT; VOH
= 0.8 * VDD
1.0
-
-
-
mA
VO = VDD or VSS
-
0
-
-
µA
ILO
output leakage
current
post ESD event
-1
-
-
+1
µA
Table 89. Static characteristics...continued
[1]
For reliable oscillator start-up and OTP refresh at power-on: VDD needs to be above 1.8 V.
[2]
MAX IDD and IBAT determined by characterization.
[3]
Timer source clock = 1⁄60 Hz, level of pins SDA/CE, SDI, and SCL is VDD or VSS.
[4]
Production tested IDDparameter.
[5]
Any load in the application driven by CLKOUT adds to this value, e.g. 10 pF, Vdd = 3v3 will add 32768 Hz * 10 pF * 3.3 V = 1.1 µA.
[6]
Any load in the application driven by CLKOUT adds to this value, e.g. 10 pF, Vdd = 3v3 will add 32768 Hz * 10 pF * 3.3 V = 1.1 µA.
[7]
When the device is supplied by the VBAT pin instead of the VDD pin, VDD = 0 V. The device can only start up from VDD.
[8]
The I2C-bus and SPI-bus interfaces of PCA2131 are 5 V tolerant.
[9]
Tested on sample basis.
[10] Pin BBS is internally connected to either VDD or VBAT, see section Section 7.5.3.
[11] For further information, see Figure 36.
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
60 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com