Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 59Page - NXP Semiconductors PCA2131 Datasheet HTML 60Page - NXP Semiconductors PCA2131 Datasheet HTML 61Page - NXP Semiconductors PCA2131 Datasheet HTML 62Page - NXP Semiconductors PCA2131 Datasheet HTML 63Page - NXP Semiconductors PCA2131 Datasheet HTML 64Page - NXP Semiconductors PCA2131 Datasheet HTML 65Page - NXP Semiconductors PCA2131 Datasheet HTML 66Page - NXP Semiconductors PCA2131 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
VDD = 1.2 V to 5.5 V; VSS = 0 V; Tamb = +25 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD or VBAT = 3.3 V, Tamb =
+85 °C to +105 °C
TC_DIS = 0
[1] [2] -15
±8
+15
ppm
TC_DIS = 1
[1] [2] -320
-50
ppm
TC_DIS = 1, Tamb = 25 °C
[1] [2] -3
+3
ppm
crystal aging
PCA2131
Δfxtal/fxtal
relative crystal
frequency variation
first year;
VDD or VBAT = 3.3 V
[3] -3
-
+3
ppm
Δf/ΔV
frequency variation
with voltage
on pin CLKOUT
-
±1
-
ppm/V
Jitter
Output clock peak to
peak jitter
on pin CLKOUT
-
50
-
ns
Table 90. Frequency characteristics...continued
[1]
±1 ppm corresponds to a time deviation of ±0.0864 seconds per day.
[2]
Only valid if CLKOUT frequencies are not equal to 32.768 kHz or if CLKOUT is disabled.
[3]
Not production tested. Effects of reflow soldering are included (see application note AN13203).
aaa-042794
-40
-20
0
20
40
60
80
100 105 120
-350
-250
-150
-50
50
Temperature (°C)
Frequency
stability
(ppm)
± 3 ppm
(3)
(1)
(2)
± 8 ppm
125
1. Typical temperature compensated RTC time accuracy response (TC_DIS = 0).
2. Typical CLKOUT frequency Y [ppm] = -0.035*(T-25C)2 (TC_DIS = 0 or 1).
3. Above maximum guaranteed operating temperature of +105 °C, the typical time accuracy is based on the bench
result.
Figure 39. Typical characteristic of frequency with respect to temperature of PCA2131
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
63 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com