Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 72Page - NXP Semiconductors PCA2131 Datasheet HTML 73Page - NXP Semiconductors PCA2131 Datasheet HTML 74Page - NXP Semiconductors PCA2131 Datasheet HTML 75Page - NXP Semiconductors PCA2131 Datasheet HTML 76Page - NXP Semiconductors PCA2131 Datasheet HTML 77Page - NXP Semiconductors PCA2131 Datasheet HTML 78Page - NXP Semiconductors PCA2131 Datasheet HTML 79Page - NXP Semiconductors PCA2131 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Type name
Alarm, Timer,
Watchdog
Interrupt
output
Interface
IDD,
typical (nA)
Battery
backup
Timestamp,
tamper input
AEC-Q100
compliant
Special features
Packages
PCF2131
X
2
I2C and
SPI
60
X
4
-
temperature compensated,
quartz built in, calibrated
HLSON16 with wettable
flanks
PCA2131
X
2
I2C and
SPI
106
X
4
segment B,
grade 2
temperature compensated,
quartz built in, calibrated
Tamb= -40 °C to 105 °C
HLSON16 with wettable
flanks
Table 93. Selection of Real-Time Clocks...continued
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
76 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com