Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 31Page - NXP Semiconductors PCA2131 Datasheet HTML 32Page - NXP Semiconductors PCA2131 Datasheet HTML 33Page - NXP Semiconductors PCA2131 Datasheet HTML 34Page - NXP Semiconductors PCA2131 Datasheet HTML 35Page - NXP Semiconductors PCA2131 Datasheet HTML 36Page - NXP Semiconductors PCA2131 Datasheet HTML 37Page - NXP Semiconductors PCA2131 Datasheet HTML 38Page - NXP Semiconductors PCA2131 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
7.10.5 Register Weekday_alarm
Bits labeled as T are unused and return 0 when read.Bits labeled as X are undefined at power-on and unchanged by
subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
AE_W
T
T
T
T
WEEKDAY_ALARM (0 to 6)
Reset
value
1
0
0
0
0
0
0
0
Table 53. Weekday_alarm - weekday alarm register (address 12h) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Description
0
weekday alarm is enabled
7
AE_W
1
weekday alarm is disabled
6 to 3
T
0
unused
2 to 0
WEEKDAY_ALARM
0 to 6
weekday alarm information
Table 54. Weekday_alarm - weekday alarm register (address 12h) bit description
7.10.6 Alarm flag
When all enabled comparisons first match, the alarm flag AF (register Control_2) is set. AF remains set until
cleared by command. Once AF has been cleared, it will only be set again when the time increments to match
the alarm condition once more. For clearing the flags, see Section 7.11.5
Alarm registers which have their alarm enable bit AE_x at logic 1 are ignored.
001aaf903
44
45
45
minute alarm
minutes counter
AF
INT when AIE = 1
46
Example where only the minute alarm is used and no other interrupts are enabled.
Figure 15. Alarm flag timing diagram
7.11 Watchdog timer functions
The PCA2131 has a watchdog timer function. The timer can be switched on and off by using the control bit
WD_CD in the register Watchdg_tim_ctl.
The watchdog timer has four selectable source clocks. It can, for example, be used to detect a micro-controller
with interrupt and reset capability which is out of control (see Section 7.11.3)
To control the timer function and timer output, the registers Control_2, Watchdg_tim_ctl, and Watchdg_tim_val
are used.
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
35 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com