Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 53Page - NXP Semiconductors PCA2131 Datasheet HTML 54Page - NXP Semiconductors PCA2131 Datasheet HTML 55Page - NXP Semiconductors PCA2131 Datasheet HTML 56Page - NXP Semiconductors PCA2131 Datasheet HTML 57Page - NXP Semiconductors PCA2131 Datasheet HTML 58Page - NXP Semiconductors PCA2131 Datasheet HTML 59Page - NXP Semiconductors PCA2131 Datasheet HTML 60Page - NXP Semiconductors PCA2131 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
7.18 Safety notes
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or equivalent
standards.
8 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+6.5
V
IDD
supply current
-50
+50
mA
Vi
input voltage
-0.5
+6.5
V
II
input current
-10
+10
mA
VO
output voltage
-0.5
+6.5
V
-10
+10
mA
IO
output current
at pin SDA/CE
-10
+20
mA
VBAT
battery supply voltage
-0.5
+6.5
V
Ptot
total power dissipation
-
300
mW
HBM
[1] -
±2 000
V
VESD
electrostatic discharge
voltage
CDM
[2] -
±500
V
Ilu
latch-up current
[3] -
1 00
mA
Tstg
storage temperature
[4] -55
+125
°C
Tamb
ambient temperature
operating device
-40
+125
°C
Table 88. Limiting values
[1]
Pass level; Human Body Model (HBM) according to AEC Q100-002.
[2]
Pass level (750 V for corner pins); Charged-Device Model (CDM), according to AEC Q100-011.
[3]
Pass level; latch-up testing according to AEC Q100-004 at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see [4]) the devices have to be stored at a temperature of +8 °C to +45 °C and a humidity of 25 % to
75 %.
Note: The PCA2131 part is not guaranteed (nor characterized) above the operating range as denoted in the
data sheet. NXP recommends not to bias the PCA2131 device during reflow (e.g. if utilizing a 'coin' type battery
in the assembly). If customer so chooses to use this assembly method, there must be the allowance for a full
\Q0 V' level Power supply \Qreset' to re-enable the device. Without a proper POR, the device may remain in an
indeterminate state.
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
57 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com