Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 13Page - Texas Instruments AM2732 Datasheet HTML 14Page - Texas Instruments AM2732 Datasheet HTML 15Page - Texas Instruments AM2732 Datasheet HTML 16Page - Texas Instruments AM2732 Datasheet HTML 17Page - Texas Instruments AM2732 Datasheet HTML 18Page - Texas Instruments AM2732 Datasheet HTML 19Page - Texas Instruments AM2732 Datasheet HTML 20Page - Texas Instruments AM2732 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
Table 5-1. Pin Attributes (ZCE, NZN Packages) (continued)
ZCE Ball
Number
NZN Ball
Number
Ball Name
Signal Name
Pin
Control
Register
Pin
Control
Address
MUX
Mode
Signal
Type
DSIS
Ball
State
During
Reset
Ball
State
After
Reset
Mux
Mode
After
Reset
I/O
Voltage
Power
Domain
Hysteresi
s
Pull Type
Buffer
Type
G3
E2
MSS_GPIO_28
MSS_GPIO_28
PADBB_
CFG_RE
G
0x020C
006C
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
SYNC_IN
1
I
Pad
RCSS_MCASPB_AHCLKR
3
IO
Pad
MSS_UARTB_RX
6
IO
Pad
DMM_MUX_IN
7
I
Pad
DSS_UARTA_RX
8
IO
Pad
F18
D13
MSS_I2CA_SCL
RCSS_GPIO_51
PADBZ_
CFG_RE
G
0x020C
00CC
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
MSS_MII_RXER
1
I
Pad
MSS_RMII_RXER
2
I
Pad
MSS_I2CA_SCL
3
IO
Pad
RCSS_MCASPA_DAT1
4
IO
Pad
MSS_EPWMC1
6
O
Pad
F16
D14
MSS_I2CA_SDA
RCSS_GPIO_50
PADBY_
CFG_RE
G
0x020C
00C8
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
MSS_MII_CRS
1
I
Pad
MSS_RMII_CRS_DV
2
I
Pad
MSS_I2CA_SDA
3
IO
Pad
RCSS_MCASPA_DAT2
4
IO
Pad
MSS_EPWMB1
6
O
Pad
B2
B3
MSS_MCANA_RX
MSS_GPIO_3
PADAF_
CFG_RE
G
0x020C
0014
0
IO
Pad
Off / Off /
Off
Off / Off /
Up
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PU)
LVCMOS
MSS_MIBSPIA_CLK
1
IO
Pad
RCOSC_CLK
2
O
Pad
MSS_MCANB_RX
6
I
Pad
DSS_UARTA_TX
7
IO
Pad
MSS_MCANA_RX
9
I
Pad
A2
C3
MSS_MCANA_TX
MSS_GPIO_30
PADAG_
CFG_RE
G
0x020C
0018
0
IO
Pad
Off / Off /
Off
Off / Off /
Up
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PU)
LVCMOS
MSS_MIBSPIA_CS0
1
IO
Pad
RCOSC_CLK
2
O
Pad
MSS_MCANB_TX
6
O
Pad
MSS_MCANA_TX
9
O
Pad
C1
A3
MSS_MCANB_RX
MSS_GPIO_19
PADAD_
CFG_RE
G
0x020C
000C
0
IO
Pad
Off / Off /
Off
Off / Off /
Up
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PU)
LVCMOS
MSS_MIBSPIA_MOSI
1
IO
Pad
MSS_MCANA_RX
2
I
Pad
DSS_UARTA_TX
8
IO
Pad
MSS_MCANB_RX
9
I
Pad
MSS_I2CA_SCL
10
IO
Pad
www.ti.com
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com