Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 4 Page - Texas Instruments

  AM2732 Datasheet HTML 1Page - Texas Instruments AM2732 Datasheet HTML 2Page - Texas Instruments AM2732 Datasheet HTML 3Page - Texas Instruments AM2732 Datasheet HTML 4Page - Texas Instruments AM2732 Datasheet HTML 5Page - Texas Instruments AM2732 Datasheet HTML 6Page - Texas Instruments AM2732 Datasheet HTML 7Page - Texas Instruments AM2732 Datasheet HTML 8Page - Texas Instruments AM2732 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 2
3 Description.......................................................................2
3.1 Functional Block Diagram........................................... 3
4 Device Comparison......................................................... 5
4.1 Related Products........................................................ 6
5 Terminal Configuration and Functions..........................7
5.1 Pin Diagram................................................................ 7
5.2 Pin Attributes (AM273x ZCE, NZN Packages)..........10
5.3 Signal Descriptions................................................... 34
5.4 Pin Connectivity Requirements.................................50
6 Specifications................................................................ 52
6.1 Absolute Maximum Ratings...................................... 52
6.2 ESD Ratings - Automotive........................................ 52
6.3 Power-On Hours (POH)............................................ 52
6.4 Recommended Operating Conditions.......................53
6.5 Operating Performance Points .................................55
6.6 Power Supply Specifications ....................................55
6.7 I/O Buffer Type and Voltage Rail Dependency......... 55
6.8 CPU Specifications................................................... 56
6.9 Thermal Resistance Characteristics for nFBGA
Package [ZCE285A] ...................................................56
6.10 Thermal Resistance Characteristics for nFBGA
Package [NZN225A] ...................................................56
6.11 Power Consumption Summary............................... 57
6.12 Timing and Switching Characteristics..................... 57
7 Detailed Description......................................................85
7.1 Overview................................................................... 85
7.2 Main Subsystem....................................................... 85
7.3 DSP Subsystem........................................................85
7.4 Radar Control Subsystem.........................................85
7.5 Other Subsystems.................................................... 86
7.6 Boot Modes...............................................................88
8 Applications, Implementation, and Layout................. 90
8.1 Typical Application.................................................... 90
9 Device and Documentation Support............................96
9.1 Device Nomenclature................................................96
9.2 Tools and Software................................................. 100
9.3 Documentation Support.......................................... 101
9.4 Support Resources................................................. 101
9.5 Trademarks.............................................................101
9.6 Electrostatic Discharge Caution..............................101
9.7 Glossary..................................................................101
10 Revision History........................................................ 101
11 Mechanical, Packaging, and Orderable
Information.................................................................. 103
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com