Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 51Page - Texas Instruments AM2732 Datasheet HTML 52Page - Texas Instruments AM2732 Datasheet HTML 53Page - Texas Instruments AM2732 Datasheet HTML 54Page - Texas Instruments AM2732 Datasheet HTML 55Page - Texas Instruments AM2732 Datasheet HTML 56Page - Texas Instruments AM2732 Datasheet HTML 57Page - Texas Instruments AM2732 Datasheet HTML 58Page - Texas Instruments AM2732 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 114 page
background image
6.5 Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of each
Operating Performance Point (OPP) for processor clocks and device core clocks.
Note
The OPP voltage and frequency values may change following the silicon characterization result.
Table 6-3 describes the maximum supported frequency per speed grade for the device.
Table 6-3. Device Speed and Memory Grade
DEVICE
GRADE
RAM
(MB)
DSP
(MHz)
R5FSS
(MHz)
AM2731, AM2731-Q1
A
1.5
450
400
AM2732, AM2732-Q1
D
3.5625
450
400
AM2731, AM2731-Q1
L
2
550
400
AM2732, AM2732-Q1
M
3.5625
550
400
AM2731, AM2731-Q1
N
1.5
300
200
6.6 Power Supply Specifications
Table 6-4 describes the four power rails provided from an external power supply and how they map to major
sub-systems and power nets of the AM273x device.
Table 6-4. Power Supply Rails Characteristics
SUPPLY
DEVICE BLOCKS POWERED FROM THE SUPPLY
RELEVANT INPUT POWER NETS ON THE DEVICE
1.8 V
APLL, crystal oscillator, ADC, CSI2, LVDS
Input: VIN18CLK, VIN_18ADC, VIOIN_18DIFF,
VIOIN_18LVDS, VIOIN_18CSI
3.3 V (or 1.8 V for 1.8 V
I/O mode)
Digital I/O
Input: VIOIN
1.2 V
Core Digital and SRAMs
Input: VDD, VIN_SRAM1, VIN_SRAM2, VIN_SRAM3,
VNWA
6.7 I/O Buffer Type and Voltage Rail Dependency
Table 6-5. Buffer Type
BUFFER TYPE
(STANDARD)
DESCRIPTION
VOLTAGE RAIL
PERIPHERALS
LVCMOS
Dual voltage 1.8V/3.3V LVCMOS I/O buffer
VIOIN, VIOIN_18
Resets, QSPI, UART, SPI, I2C,
CAN-FD, GPIO, RGMII, MDIO,
ePWM, eCAP, JTAG, Trace,
SOP, Safety, DMM
GPADC
General Purpose ADC Input
VIN_18ADC
GPADC
Clock Subsystem
Clock subsystem crystal or 1.8V single-
ended input buffer
VIN_18CLK
CLKP/CLKM
Clock Subsystem Output
Analog, low-jitter output from clock
subsystem
VIN_18CLK
OSC_CLKOUT
LVDS TX
LVDS high-speed data, differential output
buffer
VIOIN_18DIFF
Aurora LVDS
CSI2.0 RX
MIPI D-PHY CSI2.0 high-speed data,
differential input buffer
VIOIN_18DIFF
CSI2
www.ti.com
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com