Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 49Page - Texas Instruments AM2732 Datasheet HTML 50Page - Texas Instruments AM2732 Datasheet HTML 51Page - Texas Instruments AM2732 Datasheet HTML 52Page - Texas Instruments AM2732 Datasheet HTML 53Page - Texas Instruments AM2732 Datasheet HTML 54Page - Texas Instruments AM2732 Datasheet HTML 55Page - Texas Instruments AM2732 Datasheet HTML 56Page - Texas Instruments AM2732 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
Table 6-1. Extended Automotive Temperature Profile (continued)
TJ (℃)
HOURS
DAYS
YEARS
PERCENT OF TIME
Total
20000
~833
~2.28
100%
6.3.2 Industrial Temperature Profile
Table 6-2. Extended Industrial Temperature Profile
TJ (℃)
TOTAL HOURS
TOTAL DAYS
TOTAL YEARS
95
100000
~4166
~11.41
105(1)
70000
~2916
~7.99
(1)
Based on operating at CSI2.0 interface at 50% utilization
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
Power Supply Conditions
VDD
1.2-V digital power supply
1.14
1.2
1.32
V
VIN-SRAM
1.2-V power rail for internal SRAM
1.14
1.2
1.32
V
VNWA
1.2-V power rail for SRAM array back bias
1.14
1.2
1.32
V
VIOIN
I/O Supply (3.3-V mode): ALL LVCMOS1833 I/O
would operate on this supply
3.135
3.3
3.465
V
VIOIN
I/O Supply (1.8-V mode): ALL LVCMOS1833 I/O
would operate on this supply
1.71
1.8
1.89
V
VIOIN_18
1.8V supply for LVCMOS1833 I/O
1.71
1.8
1.9
V
VIN_18CLK
1.8V supply for clock module
1.71
1.8
1.9
V
VIN_18ADC
1.8V supply for ADC module
1.71
1.8
1.9
V
VIN_18CSI
1.8V supply for CSI-2 D-PHY buffers
1.71
1.8
1.9
V
VIOIN_18LVDS
1.8V supply for LVDS buffers
1.71
1.8
1.9
V
VPP
1.7V supply for e-Fuse array
1.65
1.7
1.75
V
I/O Conditions
LVCMOS VIH
LVCMOS18/33 (1.8V mode) Voltage Input High
1.71
V
LVCMOS18/33 (3.3V mode) Voltage Input High
2.25
V
LVCMOS VIL
LVCMOS18/33 (1.8V mode) Voltage Input Low
0.3 ×
VIOIN
V
LVCMOS18/33 (3.3V mode) Voltage Input Low
0.3 ×
VIOIN
V
LVCMOS VOH
LVCMOS18/33 (1.8 and 3.3V mode) Voltage Output
High (IOH = 6 ma)
VIOIN - 0.450
V
LVCMOS VOL
LVCMOS18/33 (1.8V and 3.3V mode) Voltage Output
Low(IOL = 6 ma)
0.45
V
NRESET, SOP[4:0] VIH
NRESET, SOP[4:0], (1.8V mode) Voltage Input High
0.96
V
NRESET, SOP[4:0], (3.3V mode) Voltage Input High
1.57
V
NRESET, SOP[4:0] VIL
NRESET, SOP[4:0], (1.8V mode) Voltage Input Low
0.2
V
NRESET, SOP[4:0], (3.3V mode) Voltage Input Low
0.3
V
LVDS TX VOH
Voltage Output High
1.5
V
LVDS TX VOL
Voltage Output Low
0.9
V
CSI2 RX VIH(1)
Voltage Input High - LP Mode
0.74
V
CSI2 RX VIL(1)
Voltage Input Low - LP Mode
0.55
V
CSI2 RX VIH(1)
Voltage Input High - HS Mode
0.46
V
www.ti.com
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com