Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 9Page - Texas Instruments AM2732 Datasheet HTML 10Page - Texas Instruments AM2732 Datasheet HTML 11Page - Texas Instruments AM2732 Datasheet HTML 12Page - Texas Instruments AM2732 Datasheet HTML 13Page - Texas Instruments AM2732 Datasheet HTML 14Page - Texas Instruments AM2732 Datasheet HTML 15Page - Texas Instruments AM2732 Datasheet HTML 16Page - Texas Instruments AM2732 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
Table 5-1. Pin Attributes (ZCE, NZN Packages) (continued)
ZCE Ball
Number
NZN Ball
Number
Ball Name
Signal Name
Pin
Control
Register
Pin
Control
Address
MUX
Mode
Signal
Type
DSIS
Ball
State
During
Reset
Ball
State
After
Reset
Mux
Mode
After
Reset
I/O
Voltage
Power
Domain
Hysteresi
s
Pull Type
Buffer
Type
T2
L2
ADC6
ADC6
0
I
1.8V
VIN_18A
DC
ADC
N2
N3
ADC7
ADC7
0
I
1.8V
VIN_18A
DC
ADC
N1
J2
ADC8
ADC8
0
I
1.8V
VIN_18A
DC
ADC
M1
M3
ADC9
ADC9
0
I
1.8V
VIN_18A
DC
ADC
U1
N1
CLKM
CLKM
0
I
1.8V
VIN_18C
LK
Clock
Subsyste
m
V1
P1
CLKP
CLKP
0
I
1.8V
VIN_18C
LK
Clock
Subsyste
m
B6
CSI2_RX0CLKM
CSI2_RX0CLKM
I
VIN_18C
SI
MIPI D-
PHY
A6
CSI2_RX0CLKP
CSI2_RX0CLKP
I
VIN_18C
SI
MIPI D-
PHY
A8
CSI2_RX0M0
CSI2_RX0M0
I
VIN_18C
SI
MIPI D-
PHY
A7
CSI2_RX0M1
CSI2_RX0M1
I
VIN_18C
SI
MIPI D-
PHY
B5
CSI2_RX0M2
CSI2_RX0M2
I
VIN_18C
SI
MIPI D-
PHY
B4
CSI2_RX0M3
CSI2_RX0M3
I
VIN_18C
SI
MIPI D-
PHY
B8
CSI2_RX0P0
CSI2_RX0P0
I
VIN_18C
SI
MIPI D-
PHY
B7
CSI2_RX0P1
CSI2_RX0P1
I
VIN_18C
SI
MIPI D-
PHY
A5
CSI2_RX0P2
CSI2_RX0P2
I
VIN_18C
SI
MIPI D-
PHY
A4
CSI2_RX0P3
CSI2_RX0P3
I
VIN_18C
SI
MIPI D-
PHY
A11
CSI2_RX1CLKM
CSI2_RX1CLKM
I
VIN_18C
SI
MIPI D-
PHY
B11
CSI2_RX1CLKP
CSI2_RX1CLKP
I
VIN_18C
SI
MIPI D-
PHY
A13
CSI2_RX1M0
CSI2_RX1M0
I
VIN_18C
SI
MIPI D-
PHY
B12
CSI2_RX1M1
CSI2_RX1M1
I
VIN_18C
SI
MIPI D-
PHY
A10
CSI2_RX1M2
CSI2_RX1M2
I
VIN_18C
SI
MIPI D-
PHY
A9
CSI2_RX1M3
CSI2_RX1M3
I
VIN_18C
SI
MIPI D-
PHY
www.ti.com
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com