Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 8Page - Texas Instruments AM2732 Datasheet HTML 9Page - Texas Instruments AM2732 Datasheet HTML 10Page - Texas Instruments AM2732 Datasheet HTML 11Page - Texas Instruments AM2732 Datasheet HTML 12Page - Texas Instruments AM2732 Datasheet HTML 13Page - Texas Instruments AM2732 Datasheet HTML 14Page - Texas Instruments AM2732 Datasheet HTML 15Page - Texas Instruments AM2732 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
14. HYS: Indicates if the input buffer associated with this I/O has hysteresis:
• Yes: With hysteresis
• No: Without hysteresis
• An empty box or "-" means Not Applicable.
For more information, see the hysteresis values in Electrical Characteristics.
15. BUFFER TYPE: This column defines the buffer type associated with a terminal. This information can be used to determine which Electrical
Characteristics table is applicable.
An empty box or "-" means Not Applicable.
For electrical characteristics, refer to the appropriate buffer type table in Electrical Characteristics.
16. PULL UP/DOWN TYPE: Indicates the presence of an internal pullup or pulldown resistor. Pullup and pulldown resistors can be enabled or disabled
via software.
• PU: Internal pull-up
• PD: Internal pull-down
• PU/PD: Internal pull-up and pull-down
• An empty box or "-" means No internal pull.
Note
Configuring two pins to the same pin multiplexed signal function is not supported as it can yield unexpected results. This can be easily
prevented with the proper software configuration.
Note
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that pad’s behavior is undefined. This should be
avoided.
Table 5-1. Pin Attributes (ZCE, NZN Packages)
ZCE Ball
Number
NZN Ball
Number
Ball Name
Signal Name
Pin
Control
Register
Pin
Control
Address
MUX
Mode
Signal
Type
DSIS
Ball
State
During
Reset
Ball
State
After
Reset
Mux
Mode
After
Reset
I/O
Voltage
Power
Domain
Hysteresi
s
Pull Type
Buffer
Type
R2
L1
ADC1
ADC1
0
I
1.8V
VIN_18A
DC
ADC
P2
P3
ADC2
ADC2
0
I
1.8V
VIN_18A
DC
ADC
R1
K2
ADC3
ADC3
0
I
1.8V
VIN_18A
DC
ADC
P1
K1
ADC4
ADC4
0
I
1.8V
VIN_18A
DC
ADC
M2
J1
ADC5
ADC5
0
I
1.8V
VIN_18A
DC
ADC
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com