Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 80Page - Texas Instruments AM2732 Datasheet HTML 81Page - Texas Instruments AM2732 Datasheet HTML 82Page - Texas Instruments AM2732 Datasheet HTML 83Page - Texas Instruments AM2732 Datasheet HTML 84Page - Texas Instruments AM2732 Datasheet HTML 85Page - Texas Instruments AM2732 Datasheet HTML 86Page - Texas Instruments AM2732 Datasheet HTML 87Page - Texas Instruments AM2732 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
6.12.4.3 ETM Trace Interface
The ETM Trace interface provides a means of exporting real time processor debug information to a host PC
through a compatible emulator toolset.
Section 6.12.4.3.1 and Section 6.12.4.3.2 describe the operating conditions shown in Figure 6-24 and Figure
6-25.
6.12.4.3.1 ETM TRACE Timing Requirements
MIN
TYP
MAX
UNIT
Output Conditions
CLOAD
Output load capacitance
2
20
pF
6.12.4.3.2 ETM TRACE Switching Characteristics
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tcyc(ETM)
Cycle time, TRACECLK
period
16
ns
2
th(ETM)
Pulse Duration, TRACECLK
High
7
ns
3
tl(ETM)
Pulse Duration, TRACECLK
Low
7
ns
4
tr(ETM)
Clock and data rise time
3.3
ns
5
tf(ETM)
Clock and data fall time
3.3
ns
6
td(ETMTRACECLKH-ETMDATAV)
Delay time, ETM trace clock
high to ETM data valid
1
7
ns
7
td(ETMTRACECLKl-ETMDATAV)
Delay time, ETM trace clock
low to ETM data valid
1
7
ns
t
r(ETM)
t
h(ETM)
t
l(ETM)
t
f(ETM)
t
cyc(ETM)
Figure 6-24. ETMTRACECLKOUT Timing
Figure 6-25. ETMDATA Timing
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
84
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com