| Electronic Components Datasheet Search |
|
AM2732 Datasheet(PDF) 65 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2732 Datasheet(HTML) 65 Page - Texas Instruments |
|
65 / 114 page ![]() Table 6-13. SPI Master Mode Switching Characteristics (CLOCK PHASE = 0, SPICLK = output, SPISIMO = output, and SPISOMI = input) (1)(3) (continued) see Figure 6-5 and Figure 6-6 NO. PARAMETER MIN TYP MAX UNIT 6 tC2TDELAY Setup time CS active until SPICLK high (clock polarity = 0) (5) CSHOLD = 0 (C2TDELAY+2)* tc(VCLK) – 7.5 (C2TDELAY+2) * tc(VCLK) + 7 ns CSHOLD = 1 (C2TDELAY +3) * tc(VCLK) – 7.5 (C2TDELAY+3) * tc(VCLK) + 7 Setup time CS active until SPICLK low (clock polarity = 1) (5) CSHOLD = 0 (C2TDELAY+2)* tc(VCLK) – 7.5 (C2TDELAY+2) * tc(VCLK) + 7 CSHOLD = 1 (C2TDELAY +3) * tc(VCLK) – 7.5 (C2TDELAY+3) * tc(VCLK) + 7 7 tT2CDELAY Hold time, SPICLK low until CS inactive (clock polarity = 0) (5) 0.5*tc(SPC)M + (T2CDELAY + 1) *tc(VCLK) – 7 0.5*tc(SPC)M + (T2CDELAY + 1) * tc(VCLK) + 7.5 ns Hold time, SPICLK high until CS inactive (clock polarity = 1) (5) 0.5*tc(SPC)M + (T2CDELAY + 1) *tc(VCLK) – 7 0.5*tc(SPC)M + (T2CDELAY + 1) * tc(VCLK) + 7.5 Table 6-14. SPI Master Mode Timing Requirements (CLOCK PHASE = 0, SPICLK = output, SPISIMO = output, and SPISOMI = input) (1)(3) see Figure 6-5 NO. PARAMETER MIN TYP MAX UNIT 8 tsu(SOMI- SPCL)M Setup time, SPISOMI before SPICLK low (clock polarity = 0) (4) 5 ns tsu(SOMI- SPCH)M Setup time, SPISOMI before SPICLK high (clock polarity = 1) (4) 5 9 th(SPCL- SOMI)M Hold time, SPISOMI data valid after SPICLK low (clock polarity = 0) (4) 3 ns th(SPCH- SOMI)M Hold time, SPISOMI data valid after SPICLK high (clock polarity = 1) (4) 3 (1) The MASTER bit (SPIGCRx.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is cleared (where x= 0 or 1). (2) tc(MSS_VCLK) = main subsystem clock time = 1 / f(MSS_VCLK). For more details, see the Technical Reference Manual. (3) When the SPI is in Master mode, the following must be true: For PS values from 1 to 255: tc(SPC)M ≥ (PS +1)tc(MSS_VCLK) ≥ 25 ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits. For PS values of 0: tc(SPC)M = 2tc(MSS_VCLK) ≥ 25 ns. (4) The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17). (5) C2TDELAY and T2CDELAY is programmed in the SPIDELAY register. www.ti.com AM2732, AM2732-Q1 SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 65 Product Folder Links: AM2732 AM2732-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |