Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 6Page - Texas Instruments AM2732 Datasheet HTML 7Page - Texas Instruments AM2732 Datasheet HTML 8Page - Texas Instruments AM2732 Datasheet HTML 9Page - Texas Instruments AM2732 Datasheet HTML 10Page - Texas Instruments AM2732 Datasheet HTML 11Page - Texas Instruments AM2732 Datasheet HTML 12Page - Texas Instruments AM2732 Datasheet HTML 13Page - Texas Instruments AM2732 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
5.2 Pin Attributes (AM273x ZCE, NZN Packages)
The following list describes the contents of each column in the Pin Attributes table:
1. BALL NUMBER: Ball numbers assigned to each terminal of the Ball Grid Array package.
2. BALL NAME: Ball name assigned to each terminal of the Ball Grid Array package (this name is typically taken from the primary MUXMODE 0 signal
function).
3. SIGNAL NAME: Signal name(s) of all dedicated and pin multiplexed signal functions associated with a ball.
Note
The Pin Attributes table, defines the pin multiplexed signal functions implemented at the pin and does not define secondary multiplexing
of signal functions implemented in device subsystems. Secondary multiplexing of signal functions are not described in this table. For more
information on seconadry multiplexed signal functions, see the respective peripheral chapter of the device TRM.
4. PIN CONTROL REGISTER: Name of pin control register. Reference the device Technical Reference Manual.
5. PIN CONTROL ADDRESS:Address of pin control register. Reference the device Technical Reference Manual.
6. MUX MODE: The MUXMODE value associated with each pin multiplexed signal function:
a. MUXMODE 0 is the primary pin multiplexed signal function. However, the primary pin multiplexed signal function is not necessarily the default pin
multiplexed signal function.
Note
The value found in the MUX MODE AFTER RESET column defines the default pin multiplexed signal function selected when
MCU_PORz is deasserted.
b. MUXMODE values 1 through 15 are possible for pin multiplexed signal functions. However, not all MUXMODE values have been implemented.
The only valid MUXMODE values are those defined as pin multiplexed signal functions within the Pin Attributes table. Only valid values of
MUXMODE should be used.
c. Bootstrap defines SOC configuration pins, where the logic state applied to each pin is latched on the rising edge of PORz_OUT. These input
signal functions are fixed to their respective pins and are not programmable via MUXMODE.
d. An empty box or "-" means Not Applicable.
7. TYPE: Signal type and direction:
• I = Input
• O = Output
• IO = Input, Output, or simultaneously Input and Output
• IOD = Input, Output, or simultaneously Input and Output, with open-drain output function
• IOZ = Input, Output, or simultaneously Input and Output, with three-state output function
• OZ = Output with three-state output function
• A = Analog
• PWR = Power
• GND = Ground
• CAP = LDO Capacitor.
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com