Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 36Page - Texas Instruments AM2732 Datasheet HTML 37Page - Texas Instruments AM2732 Datasheet HTML 38Page - Texas Instruments AM2732 Datasheet HTML 39Page - Texas Instruments AM2732 Datasheet HTML 40Page - Texas Instruments AM2732 Datasheet HTML 41Page - Texas Instruments AM2732 Datasheet HTML 42Page - Texas Instruments AM2732 Datasheet HTML 43Page - Texas Instruments AM2732 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
5.3.9 Clock Signal Descriptions
Table 5-16. Input Clock Signal Descriptions
Signal Name
Signal
Type
Description
ZCE PIN
NZN PIN
CLKM
I
Primary crystal or oscillator reference clock
input, negative input
U1
N1
CLKP
I
Primary crystal or oscillator reference clock
input, positive input
V1
P1
XREF_CLK0
IO
External reference clock input 0
J1
G1
XREF_CLK1
IO
External reference clock input 1
K2
G2
Table 5-17. Output Clock Signal Descriptions
Signal Name
Signal
Type
Description
ZCE PIN
NZN PIN
MCU_CLKOUT
O
MCU output reference clock
E3, J1
D2, G1
OBS_CLKOUT
O
Observation clock output
E3, F1, G17, H18
D2, D3, E13, F15
OSCCLKOUT
O
Reference clock ouput
T4
R2
PMIC_CLKOUT
O
PMIC synchronization clock output
F1, H1, H2, K2
D3, F1, F3, G2
RCOSC_CLK
O
Internal RCOSC clock output
A2, B2, E17
B3, C14, C3
RCSS_ATL_CLK0
IO
Audio Tracking Logic Clock 0
B19, H18
A13, F15
RCSS_ATL_CLK1
IO
Audio Tracking Logic Clock 1
G17
E13
5.3.10 JTAG Signal Descriptions
Table 5-18. JTAG Signal Descriptions
Signal Name
Signal
Type
Description
ZCE PIN
NZN PIN
TCK
I
JTAG test clock
C3
D4
TDI
I
JTAG test data input
C5
C5
TDO
O
JTAG test data output
D6
C6
TMS
IO
JTAG test mode select
D4
C4
5.3.11 LVDS Signal Descriptions
Table 5-19. LVDS Signal Descriptions
Signal Name
Signal
Type
Description
ZCE PIN
NZN PIN
LVDS_CLKM
O
LVDS/Aurora Transmitter, Clock, Negative
Polarity
W7
LVDS_CLKP
O
LVDS/Aurora Transmitter, Clock, Positive
Polarity
V7
LVDS_FRCLKM
O
LVDS/Aurora Transmitter, Frame Clock,
Negative Polarity
W8
LVDS_FRCLKP
O
LVDS/Aurora Transmitter, Frame Clock, Positive
Polarity
V8
LVDS_TXM0
O
LVDS/Aurora Transmitter, Data Output, Negative
Polarity, Lane 0
V6
LVDS_TXM1
O
LVDS/Aurora Transmitter, Data Output, Negative
Polarity, Lane 1
V5
LVDS_TXM2
O
LVDS/Aurora Transmitter, Data Output, Negative
Polarity, Lane 2
V4
LVDS_TXM3
O
LVDS/Aurora Transmitter, Data Output, Negative
Polarity, Lane 3
V3
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com