Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 5 Page - Texas Instruments

  AM2732 Datasheet HTML 1Page - Texas Instruments AM2732 Datasheet HTML 2Page - Texas Instruments AM2732 Datasheet HTML 3Page - Texas Instruments AM2732 Datasheet HTML 4Page - Texas Instruments AM2732 Datasheet HTML 5Page - Texas Instruments AM2732 Datasheet HTML 6Page - Texas Instruments AM2732 Datasheet HTML 7Page - Texas Instruments AM2732 Datasheet HTML 8Page - Texas Instruments AM2732 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
4 Device Comparison
Table 4-1. Device Comparison
FUNCTION
AM2732
AM2732-Q1
AM2731
AM2731-Q1
On-chip memory
Up to 3.5625 MB
Up to 2 MB
PROCESSORS
MCU Arm Cortex (R5F)
2x
1x
DSP (C66x)
1x
RADAR FEATURES
Hardware Accelerator 2.0
Yes
PERIPHERALS
Ethernet Interface RGMII, RMII, MII (10/100
ONLY)
Yes
Serial Peripheral Interface (SPI) ports
4
Quad Serial Peripheral Interface (QSPI)
1
Inter-Integrated Circuit (I2C) Interface
3
Modular Controller Area Network (MCAN)
modules with CAN-FD
2
Universal Asynchronous Receiver-Transmitters
(UART)
4
Enhanced Pulse-Width Modulator (ePWM)
3
Enhanced Capture Module (eCAP)
Yes
MCASP
3x
Hardware in Loop (HIL/DMM)
Yes
General Purpose ADC (9 Channels)
Yes
4-lane Aurora/LVDS Debug(1)
Yes
No
4-lane MIPI D-PHY CSI2.0 Receiver (CSI2_RX0
and CSI2_RX1)(1)
2x
No
JTAG/Trace
Yes
Package(2)
ZCE, NZN
NZN
Junction Temperature(3)
Extended Industrial -40 C to 105 C
Extended Automotive -40 C to 140 C
(1)
Only available in ZCE package variants
(2)
Supports Features R in Table 9-1
(3)
See the Section 6.1
www.ti.com
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com