Electronic Components Datasheet Search
  English  ▼

X  

AD9937 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 4 Page - Analog Devices

  AD9937 Datasheet HTML 1Page - Analog Devices AD9937 Datasheet HTML 2Page - Analog Devices AD9937 Datasheet HTML 3Page - Analog Devices AD9937 Datasheet HTML 4Page - Analog Devices AD9937 Datasheet HTML 5Page - Analog Devices AD9937 Datasheet HTML 6Page - Analog Devices AD9937 Datasheet HTML 7Page - Analog Devices AD9937 Datasheet HTML 8Page - Analog Devices AD9937 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
REV. 0
–4–
AD9937
ANALOG SPECIFICATIONS (AVDD = 3 V, f
CLI = 12 MHz, –25 C to +85 C, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Notes
CDS
Allowable CCD Reset Transient
500
mV
Input signal characteristics.
*
Max Input Range before Saturation
1.0
V p-p
Max CCD Black Pixel Amplitude
±100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Max Output Range
2.0
V p-p
Gain Control Resolution
10
Bits
Gain Monotonicity
Guaranteed
Gain Range
Low Gain (VGA Code 0)
5.3
dB
Max Gain (VGA Code 1023)
40
41.1
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
255
Steps
Clamp Level
LSB measured at ADC output.
Min Clamp Level
0
LSB
Max Clamp Level
63.75
LSB
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity (DNL)
±0.4
±1.0
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Includes entire signal chain.
Gain Accuracy
Low Gain (VGA Code 17)
5
6
7
dB
Gain = (0.035
× Code) + 5.4 dB
Max Gain (VGA Code 1023)
40.2
41.2
42.2
dB
Peak Nonlinearity, 500 mV Input Signal
0.1
%
12 dB gain applied.
Total Output Noise
0.3
LSB rms
AC ground input, 6 dB gain applied.
Power Supply Rejection (PSR)
40
dB
Measured with step change on supply.
*Input signal characteristics defined as follows:
1V MAX
INPUT
SIGNAL RANGE
100mV MAX
OPTICAL
BLACK PIXEL
500mV TYP
RESET
TRANSIENT
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com