Electronic Components Datasheet Search
  English  ▼

X  

AD9937 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 1 Page - Analog Devices

  AD9937 Datasheet HTML 1Page - Analog Devices AD9937 Datasheet HTML 2Page - Analog Devices AD9937 Datasheet HTML 3Page - Analog Devices AD9937 Datasheet HTML 4Page - Analog Devices AD9937 Datasheet HTML 5Page - Analog Devices AD9937 Datasheet HTML 6Page - Analog Devices AD9937 Datasheet HTML 7Page - Analog Devices AD9937 Datasheet HTML 8Page - Analog Devices AD9937 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9937
CCD Signal Processor with
Precision Timing™ Generator
FEATURES
12 MSPS Correlated Double Sampler (CDS)
10-Bit 12 MHz A/D Converter
No Missing Codes Guaranteed
6 dB to 40 dB Variable Gain Amplifier (VGA)
Black Level Clamp with Variable Level Control
Complete On-Chip Timing Generator
Precision Timing Core with 1.7 ns Resolution
On-Chip: 6-Channel Horizontal and 1-Channel RS Drivers
4-Phase Vertical Transfer Clocks
Electronic and Mechanical Shutter Modes
On-Chip Sync Generator with External Sync Option
APPLICATIONS
Digital Still Cameras
Industrial Imaging
FUNCTIONAL BLOCK DIAGRAM
AD9937
RS
H1 A–D
H2 A, B
V1 A/B
V2
V3 A/B
V4
TG1A
TG1B
TG3A
TG3B
CDS
VGA
CLAMP
ADC
10
VCLK
VCKM
DOUT
VREF
6dB TO 40dB
HORIZONTAL
DRIVERS
V-H
CONTROL
6
4
4
REFT REFB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
LM
OFD
HD
VD
INTERNAL
REGISTERS
SLD SCK SDA
GENERAL DESCRIPTION
The AD9937 is a highly integrated CCD signal processor. It
includes a complete analog front end with A/D conversion,
combined with a full-function programmable timing generator.
A Precision Timing core allows adjustment of high speed clocks
with 1.7 ns resolution at 12 MHz operation.
The AD9937 is specified at pixel rates of up to 12 MHz. The
analog front end includes black level clamping, CDS, VGA, and
a 10-bit A/D converter. The timing generator provides all the
necessary CCD clocks: RS, H-clocks, V-clocks, sensor gate pulses,
and substrate charge reset pulse. Operation is programmed using a
3-wire serial interface.
The AD9937 is packaged in a 56-lead LFCSP and specified over
an operating temperature range of –25
°C to +85°C.


Similar Part No. - AD9937

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
More results

Similar Description - AD9937

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929 Datasheet
558Kb / 64P
CCD Signal Processor with Precision Timing Generator
2/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9898 AD-AD9898 Datasheet
518Kb / 52P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
10-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com