| Electronic Components Datasheet Search |
|
AD9937 Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9937 Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 44 page ![]() REV. 0 –32– AD9937 12-BIT HD COUNTER LMSTART0 LMLENx1 LMSTART1 8-BIT LM COUNTER LMx1 PROGRAMMABLE CLOCK POSITIONS 1. LM_INVERT (PROGRAMMABLE AT CONTROL 0x04) 2. LMTOG1_x (PROGRAMMABLE AT HLM_REG(8)) 3. LMTOG2_x (PROGRAMMABLE AT HLM_REG(8)) LMREPn2 = 3 LM PULSE SET 1 12 LM PULSE SET 2 NOTES 1x = 0, 1 (TWO UNIQUE SETS OF LM OUTPUTS CAN BE PROGRAMMED) 2n = 0, 1, 2, 3, 4 (INDIVIDUAL REPETITION CONTROL FOR EACH CCD REGION) 3 Figure 26. Example of LM Pulse with LMSTART1 < HDLEN 12-BIT HD COUNTER LMSTART0 LMLENx 8-BIT LM COUNTER LMx LMREPn = 3 LM PULSE SET 1 Figure 27. Example of LM Pulse with LMSTART1 > HDLEN SPECIAL HORIZONTAL PATTERN TIMING The AD9937 provides the ability to interrupt the normal hori- zontal H1(A–D) and H2(A, B) clocking in order to apply a special pattern on these outputs. This special horizontal pattern timing occurs during the period when the LM outputs are active. Table XVI lists the registers used to program the special H patterns. Figure 28 provides an example of a special H pattern being applied to the H1A output. The timing diagram shown in Figure 28 identifies the registers associated with outputting the special H patterns. Although only the H1A output is shown, the same special H timing can be independently configured on the remaining horizontal outputs by using the registers described in Table XVI. As shown in Figure 28, the special H1A output begins when SPHSTARTx is reached. It is important to note that there are two SPHSTART registers. If SPHPATSEL = 0, the SPHSTART0 register will be used, whereas if SPHPATSEL = 1, the SPHSTART1 regis- ter will be used. The special H patterns can be enabled and disabled for each of the five CCD regions by using the SPHENx (x = 0, 1, 2, 3, 4). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |